Electronic Components Datasheet Search
  English  ▼

X  

BCR400 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BCR400
Description  Application Considerations for the Integrated Bias Control Circuits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR400 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCR400 Datasheet HTML 1Page - Infineon Technologies AG BCR400 Datasheet HTML 2Page - Infineon Technologies AG BCR400 Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Application Note
1
2000-07-27
Application Note No. 014
Application Considerations
for the Integrated Bias Control Circuits
BCR400R and BCR400W
Silicon Discrete Components
Figure 1
RF Transistor Controlled by BCR400
Operating Point
• BCR400 stabilizes the operating current (i.e.
I
C or ID), the collector (or drain) voltage
depends on the supply voltage:
V
CE = VS - 0.65 V
• The voltage drop of approximately 0.65 V on
R
ext (i.e. between pins 3 and 4 of
BCR400) is almost constant (
R
ext = 0.65 V x IC)
• In case a lower
V
CE is really required (e.g. to prevent exceeding of maximum VCE or
V
DS ratings), an additional resistor R = (VS - VCE - 0.65 V) / IC can be inserted either
between pin 4 and collector (or drain) or in series to the supply voltage
V
S, thus
providing an additional voltage drop.


Similar Part No. - BCR400

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR400R SIEMENS-BCR400R Datasheet
90Kb / 7P
Active Bias Controller (Supplies stable bias current even at low battery voltage and extreme ambient temperature variation)
BCR400W SIEMENS-BCR400W Datasheet
93Kb / 7P
Active Bias Controller (Supplies stable bias current even at low battery voltage and extreme ambient temperature variation)
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W Datasheet
60Kb / 7P
Active Bias Controller
Aug-07-2001
BCR400W INFINEON-BCR400W Datasheet
174Kb / 9P
Active Bias Controller
2007-05-29
BCR400W INFINEON-BCR400W_07 Datasheet
174Kb / 9P
Active Bias Controller
2007-05-29
More results

Similar Description - BCR400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA2088 ETC1-TDA2088 Datasheet
276Kb / 3P
PHASE CONTROL INTEGRATED CURCUIT FOR CURRENT FEEDBACK APPLICATION
MZH1XX ETC1-MZH1XX Datasheet
940Kb / 2P
LOGIC INTEGRATED CIRCUITS DTL FOR NUMERICAL CONTROL SYSTEMS
logo
Winbond
AN-CC1002 WINBOND-AN-CC1002 Datasheet
131Kb / 3P
Design Considerations for ISD1700 Family
logo
Lumileds Lighting Compa...
AB20-6 LUMILEDS-AB20-6 Datasheet
376Kb / 11P
Reliability Considerations for SuperFlux LEDs
logo
Cree, Inc
CPWR-AN08 CREE-CPWR-AN08 Datasheet
3Mb / 6P
Application Considerations for Silicon Carbide MOSFETs
logo
ON Semiconductor
AND8391-D ONSEMI-AND8391-D Datasheet
148Kb / 8P
Thermal Considerations for the ON Semiconductor
August, 2009 ??Rev. 2
logo
Taiwan Memory Technolog...
T6340A TMT-T6340A Datasheet
189Kb / 2P
T6340A provides the low-dropout bias supply and the high performance alternative solution for the white LEDs application.
logo
ANADIGICS, Inc
AN-0002 ANADIGICS-AN-0002 Datasheet
59Kb / 6P
Biasing Circuits and Considerations for GaAs MESFET Power Amplifiers
05/2003
AN-0003 ANADIGICS-AN-0003 Datasheet
310Kb / 6P
Thermal Considerations for Power Amplifiers
05/2003
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7833 AVAGO-ACPM-7833 Datasheet
199Kb / 20P
Dynamic bias control for low midpower Idd
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com