Electronic Components Datasheet Search
  English  ▼

X  

BCR400 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BCR400
Description  Application Considerations for the Integrated Bias Control Circuits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR400 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BCR400 Datasheet HTML 1Page - Infineon Technologies AG BCR400 Datasheet HTML 2Page - Infineon Technologies AG BCR400 Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Application Considerations for the Integrated
Bias Control Circuits BCR400R and BCR400W
Application Note
2
2000-07-27
Stability
BCR400 stabilizes bias current of transistors in an active control loop. In order to avoid
loop oscillation (hunting), time constants must be chosen adequately, i.e.
C
1 >= 10 x C2.
It is strongly recommended that the entire DC circuit is analyzed and optimized for
stability with one of the commercially available SPICE simulators.
Thermal considerations
The collector or drain current of a stabilized RF transistor does not directly affect
BCR400, as it must only provide the base current (or gate bias current). Even as a stand-
alone current source it is not possible to exceed
P
tot (up to Ts = 115°C), if the maximum
ratings of
V
s and Icontr are adhered to (see data sheet).
Preliminary SPICE Parameters
*****************************************************************
.MODEL DI400 D(
+
IS= 6.00E-15
N= 1.20E+00
RS= 5.0E+01
+
IBV= 1.00E-04
BV= 7.50E+01
+
M= 1.00E-01
CJO= 6.87E-13
EG= 1.11E+00
+
TT= 8.66E-09
VJ= 2.00E+00
XTI= 5.00E+00)
* one internal Diode of BCR400
*****************************************************************
.MODEL TR400 PNP(
+
BF= 3.00E+02
BR= 3.38E+00
CJC= 2.00E-12
+
CJE= 1.56E-11
CJS= 0.00E+00
EG= 1.11E+00
FC= 8.28E-01
+
IKF= 1.00E-02
IKR= 0.40E-02
IRB= 0.30E-06
IS= 0.30E-14
+
ISC= 2.00E-14
ISE= 0.50E-13
ITF= 0.50E-01
+
MJC= 3.49E-01
MJE= 4.18E-01
MJS= 3.30E-01
NC= 1.19E+00
+
NE= 1.83E+00
NF= 1.00E+00
NR= 1.00E+00
PTF= 0.00E+00
+
RB= 1.00E+02
RBM= 1.00E+01
RC= 5.00E+00
RE= 2.00E-01
+
TF= 6.05E-10
TR= 0.00E+00
VAF= 5.90E+01
VAR= 1.74E+01
+
VJC= 3.00E-01
VJE= 8.00E-01
VJS= 7.50E-01
VTF= 4.39E+00
+
XCJC= 1.00E+00
XTB= 0.00E+00
XTF= 5.81E+00
XTI= 1.50E+00)
*****************************************************************
* internal parallel resistance Rint= 6.5 kOhm
* Rb= 75 kOhm
*****************************************************************



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com