Electronic Components Datasheet Search
  English  ▼

X  

24005 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 24005
Description  Long-Life Hi-Frequency Sockets for BGA, LGA, QFN, MLCC, 關BGA and Bumped Die Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

24005 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  24005 Datasheet HTML 1Page - Aries Electronics, Inc. 24005 Datasheet HTML 2Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
Announcing significant improvements to our high-performance contact system. Using our proven Interposer Elastomer Technology,
the new CORE feature internally controls compression to ensure stability with extremely low resistance values and much longer
contact element life. (See Interposer Contact System Life on following page).
Low interconnect parasitics make these sockets an ideal choice for device characterization or high-volume production testing of
devices, such as power amplifiers, mixers, highly integrated RF ICs, and microwave devices.
Insertion Loss of -1dB @ 40GHz
Return Loss of -15dB @ 22GHz
Interposer contact system with very short interconnects (available in 1.0mm or
0.6mm thickness) enhance adjacent channel power and noise sensitivity
measurements.
Long-Life Hi-Frequency Sockets for BGA, LGA,
QFN, MLCC, µBGA and Bumped Die Devices
Interposer footprint lets the PCB
designer locate impedance matching
network components within 1mm of
device pads.
CONTACT SET
INTERPOSER
Top Side
Bottom Side
Column Array
Cross Section
Tips Pierce DUT
Tails Compress Columns Elastomer Matrix Compliant Buttons
Ag Particles
24005
Rev. 1.2
1 of 2
ORDERING INFORMATION
This material can be ordered with
ANY Aries RF/CSP Sockets
Hand Test
Automation
QFN Footprint
Ideally Suited for RFIC and Microwave IC Development & Test
Interposer Contact System – AR200 and AR300 Series Test Sockets
FULL-ARRAY SHOWN AS AN EXAMPLE; YOUR SPECIFIC DEVICE
PATTERN/FOOTPRINT WILL BE SUPPLIED WHEN ORDERED.


Similar Part No. - 24005

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
24005015 TOSHIBA-24005015 Datasheet
6Mb / 126P
COLOUR TELEVISION C9PJ Chassis
2000
logo
PHOENIX CONTACT
2400515 PHOENIX-2400515 Datasheet
54Kb / 3P
Monitor - BL FPM 21.5
2400573 PHOENIX-2400573 Datasheet
42Kb / 1P
Software package - UPGRADE WIN 7 PRO SP1 X86-EN
2400574 PHOENIX-2400574 Datasheet
42Kb / 1P
Software package - UPGRADE WIN 7 PRO SP1 X64-EN
More results

Similar Description - 24005

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
23026 ARIES-23026 Datasheet
803Kb / 1P
Hi-Temp 200째C Test & Burn- In Sockets for BGA, LGA, QFN, MLCC, and Bumped Die Devices
23026HT ARIES-23026HT Datasheet
844Kb / 1P
High-Temp 200째C Test & Burn-In Sockets for BGA, LGA, QFN, MLCC, and Bumped Die Devices
logo
Precid-Dip Durtal SA
510-83-179-18-112101 PREDIP-510-83-179-18-112101 Datasheet
23Kb / 4P
PGA / BGA / PLCC SOCKETS
510-83-257-19-081101 PREDIP-510-83-257-19-081101 Datasheet
23Kb / 4P
PGA / BGA / PLCC SOCKETS
540-88-020-17-400 PREDIP-540-88-020-17-400 Datasheet
23Kb / 5P
PGA / BGA / PLCC SOCKETS
540-88-032-17-400 PREDIP-540-88-032-17-400 Datasheet
23Kb / 5P
PGA / BGA / PLCC SOCKETS
540-88-032-17-400-2 PREDIP-540-88-032-17-400-2 Datasheet
23Kb / 5P
PGA / BGA / PLCC SOCKETS
540-88-032-17-400-TR PREDIP-540-88-032-17-400-TR Datasheet
23Kb / 5P
PGA / BGA / PLCC SOCKETS
540-88-068-24-008 PREDIP-540-88-068-24-008 Datasheet
25Kb / 5P
PGA / BGA / PLCC SOCKETS
550-10-352M26-001152 PREDIP-550-10-352M26-001152 Datasheet
20Kb / 4P
PGA / BGA / PLCC SOCKETS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com