Electronic Components Datasheet Search
  English  ▼

X  

24005 Datasheet(PDF) 2 Page - Aries Electronics, Inc.

Part # 24005
Description  Long-Life Hi-Frequency Sockets for BGA, LGA, QFN, MLCC, 關BGA and Bumped Die Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

24005 Datasheet(HTML) 2 Page - Aries Electronics, Inc.

  24005 Datasheet HTML 1Page - Aries Electronics, Inc. 24005 Datasheet HTML 2Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
High-Performance Interposer Contact Technology
Suitable for Manual & Automated High-Volume Production Test
Interposer Contact System Life: QFN 0.5mm Pitch, 1.0mm Full Height
AR200 Series: 1.0mm Full Height
AR300 Series: 0.6mm Half Height
Specifications
Specifications
(measured in a 0.5mm pitch environment, GSG)
(estimated 0.5mm pitch environment, GSG)
Insertion Loss S21: -1dB @ 40GHz
Insertion Loss S21: -1dB @ >40GHz
Return Loss S11 thru: -15dB @ 22GHz
Return Loss S11 thru: -15dB @ >22GHz
Self Inductance: 0.33nH
Self Inductance: <0.15nH
Mutual Capacitance: <0.05pF
Mutual Capacitance: <0.02pF
Operating Temperature: -55°C to 155°C
Operating Temperature: -55°C to 155°C
Contact Resistance: <25mΩ
Contact Resistance: <25mΩ
Current Rating: 4A per lead with a 14°C rise
Current Rating: 4A per lead with a 14°C rise
Contact Length (compressed): 1.04mm
Contact Length (compressed): 0.63mm
Contact Force/Travel: 25-45 gf/0.4mm travel
Contact Force/Travel: 25-45 gf/0.28mm travel
Contact Set Life: >2,000,000 insertions
Contact Set Life: >2,000,000 insertions
Interposer Elastomer Life: >500,000 insertions
Interposer Elastomer Life: >500,000 insertions
Interposer Elastomer Conductive Columns, available in 2 Standard Heights with
Standard & Custom Pitches from 1.27mm to 0.4mm
Long-Life Hi-Frequency Sockets for BGA, LGA,
QFN, MLCC, µBGA and Bumped Die Devices
24005
Rev. 1.2
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com