Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9154
Description  Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9154 Datasheet HTML 48Page - Analog Devices AD9154 Datasheet HTML 49Page - Analog Devices AD9154 Datasheet HTML 50Page - Analog Devices AD9154 Datasheet HTML 51Page - Analog Devices AD9154 Datasheet HTML 52Page - Analog Devices AD9154 Datasheet HTML 53Page - Analog Devices AD9154 Datasheet HTML 54Page - Analog Devices AD9154 Datasheet HTML 55Page - Analog Devices AD9154 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 124 page
background image
AD9154
Data Sheet
Rev. B | Page 52 of 124
Table 50. SPI Configuration Map—Register Settings for JESD204B Parameters for Mode 3
Address
Setting
Description
0x453
0x01 or 0x81
Register 0x453, Bit 7 = 0 or 1: scrambling disabled or enabled; Register 0x453, Bits[4:0] = 0x1: L = 2 lanes per link
0x454
0x03
Register 0x454, Bits[7:0] = 0x03: F = 4 octets per frame
0x455
0x0F or 0x1F
Register 0x455, Bits[4:0] = 0x0F or 0x1F: K = 16 or 32 frames per multiframe
0x456
0x03
Register 0x456, Bits[7:0] = 0x03: M = 4 converters per link
0x457
0x0F
Register 0x457, Bits[7:6] = 0x0: always set CS = 0; Register 0x457, Bits[4:0] = 0x0F: N = 16, always set to 16-bit resolution
0x458
0x0F or 0x2F
Register 0x458, Bits[7:5] =0x0 or 0x1: Subclass 0 or Subclass 1, Register 0x458, Bits[4:0] = 0xF: NP = 16 bits per sample
0x459
0x20
Register 0x459, Bits[7:5] = 0x1: set to JESD204B version, Register 0x459, Bits[4:0] = 0x0: S = 1 sample per converter per
frame
0x45A
0x00
Register 0x45A, Bit 7 = 0: HD = 0; Register 0x45A, Bits[4:0] = 0x00: always set CF = 0
0x46C
0x03
Register 0x46C, Bits[7:0] = 0xFF: deskew Link Lane 0 and Link Lane 1
0x476
0x04
Register 0x476, Bits[7:0] = 0x04: F = 4 octets per frame
0x47D
0x03
Register 0x47D, Bits[7:0] = 0x03: enable Link Lane 0 and Link Lane 1
Figure 62. JESD204B Mode 3 Data Deframing
Table 51. SPI Configuration Map—Register Settings for JESD204B Parameters for Mode 4
Address
Setting
Description
0x453
0x03 or 0x83
Register 0x453, Bit 7 = 0 or 1: scrambling disabled or enabled; Register 0x453, Bits[4:0] = 0x3: L = 4 lanes per link
0x454
0x00
Register 0x454, Bits[7:0] = 0x00: F = 1 octet per frame
0x455
0x0F or 0x1F
Register 0x455, Bits[4:0] = 0x0F or 0x1F: K =16 or 32 frames per multiframe
0x456
0x01
Register 0x456, Bits[7:0] = 0x01: M = 2 converters per link
0x457
0x0F
Register 0x457, Bits[7:6] = 0x0: always set CS = 0; Register 0x457, Bits[4:0] = 0x0F: N = 16, always set to 16-bit resolution
0x458
0x0F or 0x2F
Register 0x458, Bits[7:5] = 0x0 or 0x1: Subclass 0 or Subclass 1, Register 0x458, Bits[4:0] = 0xF: NP = 16 bits per sample
0x459
0x20
Register 0x459, Bits[7:5] = 0x1: set to JESD204B version, Register 0x459, Bits[4:0] = 0x0: S = 1 sample per converter per
frame
0x45A
0x01
Register 0x45A, Bit 7 = 1: HD = 1; Register 0x45A, Bits[4:0] = 0x00: always set CF = 0
0x46C
0x0F
Register 0x46C, Bits[7:0] = 0xFF: deskew Link Lane 0 to Link Lane 3
0x476
0x01
Register 0x476, Bits[7:0] = 0x01: F = 1 octet per frame
0x47D
0x0F
Register 0x47D, Bits[7:0] = 0x0F: Enable Link Lane 0 to Link Lane 3
4 OCTETS PER LANE
(F = 4)
16-BIT NIBBLE GROUP
(N = 16)
1 SAMPLE PER
CONVERTER PER FRAME
(S = 1)
DAC0
DAC1
DAC2
DAC3
SERIAL JESD204B DATA (L = 2)
SAMPLES NOT SPLIT
ACROSS LANES
(HD = 0)
NIBBLE GROUP 0
CONVERTER 0, SAMPLE 0
NIBBLE GROUP 0
D15 ... D0 (0)
LANE 0,
OCTET 0
LANE 0,
OCTET 1
NIBBLE GROUP 1
CONVERTER 1, SAMPLE 0
D15 ... D0 (0)
LANE 0,
OCTET 2
LANE 0,
OCTET 3
NIBBLE GROUP 2
CONVERTER 2, SAMPLE 0
D15 ... D0 (0)
LANE 1,
OCTET 0
LANE 1,
OCTET 1
NIBBLE GROUP 3
CONVERTER 3, SAMPLE 0
D15 ... D0 (0)
LANE 1,
OCTET 2
LANE 1,
OCTET 3
4 CONVERTERS
(M = 4)
NIBBLE GROUP 1
NIBBLE GROUP 2
NIBBLE GROUP 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com