Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9154
Description  Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 1 Page - Analog Devices

  AD9154 Datasheet HTML 1Page - Analog Devices AD9154 Datasheet HTML 2Page - Analog Devices AD9154 Datasheet HTML 3Page - Analog Devices AD9154 Datasheet HTML 4Page - Analog Devices AD9154 Datasheet HTML 5Page - Analog Devices AD9154 Datasheet HTML 6Page - Analog Devices AD9154 Datasheet HTML 7Page - Analog Devices AD9154 Datasheet HTML 8Page - Analog Devices AD9154 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 124 page
background image
Quad, 16-Bit, 2.4 GSPS, TxDAC+®
Digital-to-Analog Converter
Data Sheet
AD9154
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Supports input data rates up to 1 GSPS
Proprietary, low spurious and distortion design
Single carrier LTE 20 MHz bandwidth (BW), ACLR = 77 dBc at
180 MHz IF
Six carrier GSM IMD = 78 dBc, 600 kHz carrier spacing at
180 MHz IF
SFDR = 72 dBc at 180 MHz IF, −6 dBFS single tone
Flexible 8-lane JESD204B interface
Multiple chip synchronization
Fixed latency
Data generator latency compensation
Input signal power detection
High performance, low noise phase-locked loop (PLL) clock
multiplier
Digital inverse sinc filter
Digital quadrature modulation using a numerically
controlled oscillator (NCO)
Nyquist band selection—mix mode
Selectable 1×, 2×, 4×, and 8× interpolation filters
Low power: 2.11 W at 1.6 GSPS, full operating conditions
88-lead, exposed pad LFCSP
APPLICATIONS
Wireless communications
Multicarrier LTE and GSM base stations
Wideband repeaters
Software defined radios
Wideband communications
Point to point microwave radio
Transmit diversity, multiple input/multiple output (MIMO)
Instrumentation
Automated test equipment
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The AD9154 is a quad, 16-bit, high dynamic range digital-to-
analog converter (DAC) that provides a maximum sample rate
of 2.4 GSPS, permitting multicarrier generation up to the Nyquist
frequency in baseband mode. The AD9154 includes features
optimized for direct conversion transmit applications, including
complex digital modulation, input signal power detection, and
gain, phase, and offset compensation. The DAC outputs are
optimized to interface seamlessly with the ADRF6720-27 radio
frequency quadrature modulator (AQM) from Analog Devices,
Inc. In mix mode, the AD9154 DAC can reconstruct carriers in
the second and third Nyquist zones. A serial port interface (SPI)
provides the programming/readback of internal parameters.
The full-scale output current can be programmed over a range
of 4 mA to 20 mA. The AD9154 is available in two different
88-lead LFCSP packages.
PRODUCT HIGHLIGHTS
1. Ultrawide signal bandwidth enables emerging wideband
and multiband wireless applications.
2. Advanced low spurious and distortion design techniques
provide high quality synthesis of wideband signals from
baseband to high intermediate frequencies.
3. JESD204B Subclass 1 support simplifies multichip
synchronization.
4. Small package size with a 12 mm × 12 mm footprint.
QUAD MOD
ADRF6720-27
QUAD DAC
JESD204B
0°/90° PHASE
SHIFTER
DAC
DAC
LO_IN
MOD_SPI
DAC
CLOCK
DAC
SPI
AD9154
QUAD MOD
ADRF6720-27
LPF
LPF
0°/90° PHASE
SHIFTER
JESD204B
SYNCOUTx±
SYNCOUTx±
LO_IN
MOD_SPI
DAC
DAC
SYSREF
RF
OUTPUT 1
RF
OUTPUT


Similar Part No. - AD9154

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9154 AD-AD9154 Datasheet
2Mb / 124P
Digital-to-Analog Converter
2/2017-Rev. B to Rev. C
AD9154-EBZ AD-AD9154-EBZ Datasheet
2Mb / 124P
Digital-to-Analog Converter
2/2017-Rev. B to Rev. C
AD9154-FMC-EBZ AD-AD9154-FMC-EBZ Datasheet
2Mb / 124P
Digital-to-Analog Converter
2/2017-Rev. B to Rev. C
AD9154-M6720-EBZ AD-AD9154-M6720-EBZ Datasheet
2Mb / 124P
Digital-to-Analog Converter
2/2017-Rev. B to Rev. C
AD9154BCPAZ AD-AD9154BCPAZ Datasheet
2Mb / 124P
Digital-to-Analog Converter
2/2017-Rev. B to Rev. C
More results

Similar Description - AD9154

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9148 AD-AD9148 Datasheet
851Kb / 73P
Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Texas Instruments
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com