Electronic Components Datasheet Search
  English  ▼

X  

ADF5355BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADF5355BCPZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF5355BCPZ Datasheet HTML 10Page - Analog Devices ADF5355BCPZ Datasheet HTML 11Page - Analog Devices ADF5355BCPZ Datasheet HTML 12Page - Analog Devices ADF5355BCPZ Datasheet HTML 13Page - Analog Devices ADF5355BCPZ Datasheet HTML 14Page - Analog Devices ADF5355BCPZ Datasheet HTML 15Page - Analog Devices ADF5355BCPZ Datasheet HTML 16Page - Analog Devices ADF5355BCPZ Datasheet HTML 17Page - Analog Devices ADF5355BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
ADF5355
Data Sheet
Figure 22. Output Power vs. Frequency, RFOUTB (10 pF Bypass Capacitor
De-Embedded)
Figure 23. VCO Feedthrough at RFOUTB (De-Embedded) vs. Fundamental VCO
Frequency
Figure 24. Wideband Spectrum, RFOUTB, VCO = 6.8 GHz, RFOUTB Enabled,
RFOUTA+/RFOUTA− Disabled (Board Measurement)
Figure 25. RMS Jitter vs. Output Frequency, fPFD = 61.44 MHz, Loop Filter = 20 kHz
Figure 26. PFD Spur Amplitude vs. RFOUTA+/RFOUTA− Output Frequency;
fPFD = 61.44 MHz, fPFD = 30.72 MHz, and fPFD = 15.36 MHz; Loop Filter = 20 kHz
Figure 27. Fractional-N Spur Performance, GSM1800 Band, RFOUTA+ =
1550.2 MHz, REFIN = 122.88 MHz, fPFD = 61.44 MHz, Output Divide by 4
Selected, Loop Filter Bandwidth = 2 kHz, Channel Spacing = 20 kHz
FREQUENCY (GHz)
–10
–8
–6
–4
–2
0
2
4
6
8
10
6.7
7.7
8.7
9.7
10.7
11.7
12.7
13.7
–40°C
+25°C
+85°C
–15
–14
–13
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
3.4
3.9
4.4
4.9
5.4
5.9
6.4
6.9
FREQUENCY (GHz)
–40°C
+25°C
+85°C
FREQUENCY (GHz)
–60
–50
–40
–30
–20
–10
0
5
10
15
20
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.8
1.8
2.8
3.8
4.8
5.8
6.8
OUTPUT FREQUENCY (GHz)
RMS JITTER (ps) 1kHz TO 20MHz
RMS JITTER (ps) 12kHz TO 20MHz
–110
–100
–90
–80
–70
–60
–50
0
1
2
3
4
5
6
7
RFOUTA+/RFOUTA– OUTPUT FREQUENCY(GHz)
PFD = 15.36MHz
PFD = 30.72MHz
PFD = 61.44MHz
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
Rev. A | Page 14 of 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com