Electronic Components Datasheet Search
  English  ▼

X  

ADF5355BCPZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADF5355BCPZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5355BCPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF5355BCPZ Datasheet HTML 18Page - Analog Devices ADF5355BCPZ Datasheet HTML 19Page - Analog Devices ADF5355BCPZ Datasheet HTML 20Page - Analog Devices ADF5355BCPZ Datasheet HTML 21Page - Analog Devices ADF5355BCPZ Datasheet HTML 22Page - Analog Devices ADF5355BCPZ Datasheet HTML 23Page - Analog Devices ADF5355BCPZ Datasheet HTML 24Page - Analog Devices ADF5355BCPZ Datasheet HTML 25Page - Analog Devices ADF5355BCPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
ADF5355
Data Sheet
Rev. A | Page 22 of 38
Figure 41. Register 0
REGISTER 0
Control Bits
With Bits[C4:C1] set to 0000, Register 0 is programmed. Figure 41
shows the input data format for programming this register.
Reserved
Bits[DB31:DB22] are reserved and must be set to 0.
Automatic Calibration (AUTOCAL)
Write to Register 0 to enact (by default) the VCO automatic
calibration, and to choose the appropriate VCO and VCO
subband. Write 1 to the AC1 bit (Bit DB21) to enable the
automatic calibration, which is the recommended mode of
operation.
Set the AC1 bit (Bit DB21) to 0 to disable the automatic
calibration, which leaves the ADF5355 in the same band it was
already in when Register 0 is updated.
Disable the automatic calibration only for fixed frequency
applications, phase adjust applications, or very small (<10 kHz)
frequency jumps.
Toggling AUTOCAL is also required when changing frequency.
See the Frequency Update Sequence section for more information.
Prescaler Value
The dual modulus prescaler (P/P + 1), along with the INT,
FRACx, and MODx counters, determines the overall division
ratio from the VCO output to the PFD input. The PR1 bit
(Bit DB20) in Register 0 sets the prescaler value.
Operating at CML levels, the prescaler takes the clock from the
VCO output and divides it down for the counters. It is based on
a synchronous 4/5 core. When the prescaler is set to 4/5, the
maximum RF frequency allowed is 7 GHz. The prescaler limits
the INT value; therefore, if P is 4/5, NMIN is 23, and if P is 8/9,
NMIN is 75.
16-Bit Integer Value
The 16 INT bits (Bits[DB19:DB4]) set the INT value, which
determines the integer part of the feedback division factor. The
INT value is used in Equation 3 (see the INT, FRAC, MOD, and
R Counter Relationship section). All integer values from 23 to
32,767 are allowed for the 4/5 prescaler. For the 8/9 prescaler,
the minimum integer value is 75, and the maximum value is
65,535.
N16
N15
...
N5
N4
N3
N2
N1
INTEGER VALUE (INT)
00
...
00
00
0
NOT ALLOWED
00
...
00
00
1
NOT ALLOWED
00
...
00
01
0
NOT ALLOWED
..
...
..
..
.
...
00
...
10
11
0
NOT ALLOWED
00
...
10
11
1
23
00
...
11
00
0
24
..
...
..
..
.
...
1
1
...
1
1
1
0
1
65533
1
1
...
1
1
1
1
0
65534
1
1
...
1
1
1
1
1
65535
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3
DB2
DB1
DB0
N16
N15
N14
N13
N12
N11
N10
N9
RESERVED
16-BIT INTEGER VALUE (INT)
CONTROL
BITS
N8
N7
N6
N5
N4
N3
N2
N1
C4(0) C3(0) C2(0)
INTMIN = 75 WITH PRESCALER = 8/9
PR1
PRESCALER
04/5
18/9
PR1
AC1
0
0
0
0
0
0
0
0
0
0
C1(0)
DB31
AC1
VCO
AUTOCAL
0
DISABLED
1
ENABLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com