Electronic Components Datasheet Search
  English  ▼

X  

ADL5903 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5903
Description  200 MHz to 6 GHz 35 dB TruPwr??Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5903 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5903 Datasheet HTML 9Page - Analog Devices ADL5903 Datasheet HTML 10Page - Analog Devices ADL5903 Datasheet HTML 11Page - Analog Devices ADL5903 Datasheet HTML 12Page - Analog Devices ADL5903 Datasheet HTML 13Page - Analog Devices ADL5903 Datasheet HTML 14Page - Analog Devices ADL5903 Datasheet HTML 15Page - Analog Devices ADL5903 Datasheet HTML 16Page - Analog Devices ADL5903 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADL5903
Rev. B | Page 13 of 20
Figure 33. Distribution of Intercept at 900 MHz
Figure 34. Supply Current vs. Input Level
(at −55°C, −40°C, +25°C, +85°C, +125°C)
Figure 35. Distribution of Slope at 900 MHz
–44
–42
–40
–38
–36
–34
–32
0
200
400
600
800
1000
1200
1400
INTERCEPT (dBm)
REPRESENTS MORE
THAN 8000 PARTS
CALIBRATION BETWEEN
–16dBm AND –4dBm
20
10
0
–10
–20
–30
–40
30
25
20
15
10
5
0
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
30
32
34
36
38
40
0
200
400
600
800
1000
1200
SLOPE (mV/dB)
REPRESENTS MORE
THAN 8000 PARTS
CALIBRATION BETWEEN
–16dBm AND –4dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com