Electronic Components Datasheet Search
  English  ▼

X  

ADL5903 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5903
Description  200 MHz to 6 GHz 35 dB TruPwr??Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5903 Datasheet(HTML) 3 Page - Analog Devices

  ADL5903 Datasheet HTML 1Page - Analog Devices ADL5903 Datasheet HTML 2Page - Analog Devices ADL5903 Datasheet HTML 3Page - Analog Devices ADL5903 Datasheet HTML 4Page - Analog Devices ADL5903 Datasheet HTML 5Page - Analog Devices ADL5903 Datasheet HTML 6Page - Analog Devices ADL5903 Datasheet HTML 7Page - Analog Devices ADL5903 Datasheet HTML 8Page - Analog Devices ADL5903 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADL5903
Rev. B | Page 3 of 20
SPECIFICATIONS
VPOS = 5.0 V, TA = 25°C, ZO = 50 Ω, Capacitor CRMS = 10 nF, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
200 to 6000
MHz
RF INPUT INTERFACE
Pin RFIN
Nominal Input Impedance1
Single-ended drive
50
Ω
OUTPUT INTERFACE
Pin VRMS
DC Output Resistance
100
Ω
Rise Time
PIN = off to 0 dBm, 10% to 90%, CRMS = 10 nF
3.5
µs
PIN = off to 0 dBm, 10% to 90%, CRMS = 100 nF
34
µs
Fall Time
PIN = 0 dBm to off, 90% to 10%, CRMS = 10 nF
32
µs
PIN = 0 dBm to off, 90% to 10%, CRMS = 100 nF
330
µs
f = 300 MHz
±1.0 dB Dynamic Range
Continuous wave (CW) input, TA = 25°C, VPOS = 5.0 V
37
dB
CW input, TA = 25°C, VPOS = 3.0 V
34
dB
Maximum Input Level, ±1.0 dB
Three-point calibration at −16 dBm, −4 dBm, and +12 dBm
13
dBm
Minimum Input Level, ±1.0 dB
Three-point calibration at −16 dBm, −4 dBm, and +12 dBm
−24
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = 10 dBm
−0.2/+0.032
dB
−55°C < TA < +125°C; PIN = 10 dBm
−0.25/+0.052
dB
−40°C < TA < +85°C; PIN = −10 dBm
−0.2/+0.152
dB
−55°C < TA < +125°C; PIN = −10 dBm
−0.25/+0.22
dB
Logarithmic Slope
Calibration at −16 dBm and +4 dBm
36.3
mV/dB
Logarithmic Intercept
Calibration at −16 dBm and +4 dBm (X-intercept)
−39
dBm
f = 700 MHz
±1.0 dB Dynamic Range
CW input, TA = 25°C, VPOS = 5.0 V
37
dB
CW input, TA = 25°C, VPOS = 3.0 V
34
dB
Maximum Input Level, ±1.0 dB
Three-point calibration at −16 dBm, −3 dBm, and +13 dBm
14
dBm
Minimum Input Level, ±1.0 dB
Three-point calibration at −16 dBm, −3 dBm, and +13 dBm
−23
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = 10 dBm
−0.13
dB
−55°C < TA < +125°C; PIN = 10 dBm
−0.16
dB
−40°C < TA < +85°C; PIN = −10 dBm
−0.15/+0.12
dB
−55°C < TA < +125°C; PIN = −10 dBm
−0.2/+0.22
dB
Logarithmic Slope
Calibration at −16 dBm and +4 dBm
36.4
mV/dB
Logarithmic Intercept
Calibration at −16 dBm and +4 dBm (X-intercept)
−38
dBm
f = 900 MHz
±1.0 dB Dynamic Range
CW input, TA = 25°C, VPOS = 5.0 V
37
dB
CW input, TA = 25°C, VPOS = 3.0 V
33
dB
Maximum Input Level, ±1.0 dB
Three-point calibration at −16 dBm, −3 dBm, and +13 dBm
14
dBm
Minimum Input Level, ±1.0 dB
Three-point calibration at −16 dBm, −3 dBm, and +13 dBm
−23
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = 10 dBm
−0.12
dB
−55°C < TA < +125°C; PIN = 10 dBm
−0.15/+0.022
dB
−40°C < TA < +85°C; PIN = −10 dBm
−0.1/+0.022
dB
−55°C < TA < +125°C; PIN = −10 dBm
−0.1/+0.12
dB
Logarithmic Slope
Calibration at −16 dBm and +4 dBm
35.5
mV/dB
Logarithmic Intercept
Calibration at −16 dBm and +4 dBm (X-intercept)
−38
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com