Electronic Components Datasheet Search
  English  ▼

X  

ADP5301 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP5301
Description  50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5301 Datasheet(HTML) 4 Page - Analog Devices

  ADP5301 Datasheet HTML 1Page - Analog Devices ADP5301 Datasheet HTML 2Page - Analog Devices ADP5301 Datasheet HTML 3Page - Analog Devices ADP5301 Datasheet HTML 4Page - Analog Devices ADP5301 Datasheet HTML 5Page - Analog Devices ADP5301 Datasheet HTML 6Page - Analog Devices ADP5301 Datasheet HTML 7Page - Analog Devices ADP5301 Datasheet HTML 8Page - Analog Devices ADP5301 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ADP5301
Data Sheet
Rev. A | Page 4 of 21
SPECIFICATIONS
VIN = 3.6 V, VOUT = 2.5 V, TJ = −40°C to +125°C for minimum and maximum specifications, and TA = 25°C for typical specifications,
unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT SUPPLY VOLTAGE RANGE
VIN
2.15
6.50
V
SHUTDOWN CURRENT
ISHUTDOWN
18
40
nA
VEN = 0 V, −40°C ≤ TJ ≤ +85°C
18
130
nA
VEN = 0 V, −40°C ≤ TJ ≤ +125°C
QUIESCENT CURRENT
Operating Quiescent Current in Hysteresis Mode
IQ_HYS
180
260
nA
−40°C ≤ TJ ≤ +85°C
180
350
nA
−40°C ≤ TJ ≤ +125°C
570
1400
nA
100% duty cycle operation, VIN = 3.0 V,
VOUT set to 3.3 V
Operating Quiescent Current in PWM Mode
IQ_PWM
425
630
µA
UNDERVOLTAGE LOCKOUT
UVLO
UVLO Threshold
Rising
VUVLO_RISING
2.06
2.14
V
Falling
VUVLO_FALLING
1.90
2.00
V
OSCILLATOR CIRCUIT
Switching Frequency in PWM Mode
fSW
1.7
2.0
2.3
MHz
FB Threshold of Frequency Fold
VOSC_FOLD
0.3
V
SYNCHRONIZATION THRESHOLD
SYNC Clock Range
SYNCCLOCK
1.2
2.5
MHz
SYNC High Level Threshold
SYNCHIGH
1.2
V
SYNC Low Level Threshold
SYNCLOW
0.4
V
SYNC Duty Cycle Range
SYNCDUTY
100
1/fSW −
150
ns
SYNC/MODE Leakage Current
ISYNC_LEAKAGE
50
150
nA
VSYNC/MODE = 3.6 V
MODE TRANSITION
Transition Delay from Hysteresis Mode to
PWM Mode
tHYS_TO_PWM
20
Clock
cycles
SYNC/MODE goes logic high from
logic low
EN PIN
Input Voltage Threshold
High
VIH
1.2
V
Low
VIL
0.4
V
Input Leakage Current
IEN_LEAKAGE
25
nA
FB PIN
Output Options by VID Resistor
VOUT_OPT
0.8
5.0
V
0.8 V to 5.0 V in various factory options
PWM Mode
Fixed VID Code Voltage Accuracy
VFB_PWM_FIX
−0.6
+0.6
%
TJ = 25°C, output voltage setting via
factory fuse
−1.2
+1.2
%
−40°C ≤ TJ ≤ +125°C
Adjustable VID Code Voltage Accuracy
VFB_PWM_ADJ
−1.5
+1.5
%
Output voltage setting via VID resistor
Hysteresis Mode
Fixed VID Code Threshold Accuracy from
Active Mode to Standby Mode
VFB_HYS_FIX
−0.75
+0.75
%
TJ = 25°C
−2.5
+2.5
%
−40°C ≤ TJ ≤ +125°C
Adjustable VID Code Threshold Accuracy
from Active Mode to Standby Mode
VFB_HYS_ADJ
−3
+3
%
−40°C ≤ TJ ≤ +125°C
Hysteresis of Threshold Accuracy from
Active Mode to Standby Mode
VFB_HYS (HYS)
1
%
Feedback Bias Current
IFB
66
95
nA
Output Option 0, VOUT = 2.5 V
25
45
nA
Output Option 1, VOUT = 1.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com