Electronic Components Datasheet Search
  English  ▼

X  

ADP5301 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5301
Description  50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5301 Datasheet(HTML) 1 Page - Analog Devices

  ADP5301 Datasheet HTML 1Page - Analog Devices ADP5301 Datasheet HTML 2Page - Analog Devices ADP5301 Datasheet HTML 3Page - Analog Devices ADP5301 Datasheet HTML 4Page - Analog Devices ADP5301 Datasheet HTML 5Page - Analog Devices ADP5301 Datasheet HTML 6Page - Analog Devices ADP5301 Datasheet HTML 7Page - Analog Devices ADP5301 Datasheet HTML 8Page - Analog Devices ADP5301 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
50 mA/500 mA, High Efficiency,
Ultralow Power Step-Down Regulator
Data Sheet
ADP5301
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input start-up voltage range: 2.15 V to 6.50 V
Operates down to 2.00 V voltage
Ultralow 180 nA quiescent current with no load
Selectable output voltage of 1.2 V to 3.6 V or 0.8 V to 5.0 V
±1.5% output accuracy over full temperature range in
PWM mode
Selectable hysteresis mode or PWM operation mode
Output current
Up to 50 mA in hysteresis mode
Up to 500 mA in PWM mode
VOUTOK flag monitors the output voltage
100% duty cycle operation mode
2 MHz switching frequency with optional synchronization
input from 1.2 MHz to 2.5 MHz
QOD option
UVLO, OCP, and TSD protection
9-ball, 1.65 mm × 1.87 mm WLCSP
−40°C to +125°C junction temperature
APPLICATIONS
Energy (gas and water) metering
Portable and battery-powered equipment
Medical applications
Keep-alive power supplies
TYPICAL APPLICATION CIRCUIT
PWM
2.2µH
SW
PGND
FB
10µF
10µF
VOUT
PVIN
SYNC/
MODE
EN
VID
VIN = 3.6V
ADP5301
(9-BALL WLCSP)
HYS
RVID
OFF
ON
VOUTOK
VID0: 1.2V
VID1: 1.5V
VID2: 1.8V
VID3: 2.0V
VID4: 2.1V
VID5: 2.2V
VID6: 2.3V
VID7: 2.4V
VID8: 2.5V
VID9: 2.6V
VID10: 2.7V
VID11: 2.8V
VID12: 2.9V
VID13: 3.0V
VID14: 3.3V
VID15: 3.6V
AGND
Figure 1.
GENERAL DESCRIPTION
The ADP5301 is a high efficiency, ultralow quiescent current
step-down regulator that draws only a 180 nA quiescent current
to regulate the output at no load.
The ADP5301 runs from an input startup voltage range of 2.15 V
to 6.50 V, allowing the use of multiple alkaline/NiMH, Li-Ion
cells, or other power sources. The output voltage is selectable from
0.8 V to 5.0 V by an external VID resistor and factory fuse. The
total solution requires only four tiny external components.
The ADP5301 can operate between hysteresis mode and PWM
mode via the SYNC/MODE pin. The regulator in hysteresis mode
achieves excellent efficiency at a power of less than 1 mW and
provides up to 50 mA of output current. The regulator in PWM
mode produces a lower output ripple and supplies up to 500 mA
of output current. The flexible configuration capability during
operation of the device enables very efficient power management
to meet both the longest battery life and low system noise
requirements.
The ADP5301 contains a VOUTOK flag, which monitors the
output voltage and runs at a 2 MHz switching frequency in
PWM mode. SYNC/MODE can synchronize to an external
clock from 1.2 MHz to 2.5 MHz.
Other key features in the ADP5301 include separate enabling,
quick output discharge (QOD), and safety features such as
overcurrent protection (OCP), thermal shutdown (TSD), and
input undervoltage lockout (UVLO).
The ADP5301 is available in a 9-ball, 1.65 mm × 1.87 mm
WLCSP rated for a −40°C to +125°C junction temperature range.


Similar Part No. - ADP5301

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5300 AD-ADP5300 Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5300-EVALZ AD-ADP5300-EVALZ Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5300ACPZ-1-R7 AD-ADP5300ACPZ-1-R7 Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5300ACPZ-2-R7 AD-ADP5300ACPZ-2-R7 Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5302 AD-ADP5302 Datasheet
549Kb / 22P
50 mA/500 mA, Ultralow Power Step-Down Regulator with Battery Voltage Monitor
9/2019-Rev. A to Rev. B
More results

Similar Description - ADP5301

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2674 NSC-LM2674 Datasheet
440Kb / 26P
SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
logo
Texas Instruments
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
LM2674 TI1-LM2674 Datasheet
1Mb / 32P
LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
LM2674M-3.3 TI-LM2674M-3.3 Datasheet
1Mb / 32P
LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
TPS62691YFF TI-TPS62691YFF Datasheet
1Mb / 28P
500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN
LM2674M TI-LM2674M Datasheet
1Mb / 31P
LM2674 SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
logo
Analog Devices
ADP5300 AD-ADP5300 Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5302 AD-ADP5302 Datasheet
549Kb / 22P
50 mA/500 mA, Ultralow Power Step-Down Regulator with Battery Voltage Monitor
9/2019-Rev. A to Rev. B
ADP5303 AD-ADP5303 Datasheet
764Kb / 21P
50 mA/500 mA, Ultralow Power Step-Down Regulator With Battery Voltage Monitor
3/2019-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com