Electronic Components Datasheet Search
  English  ▼

X  

BCX70 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BCX70
Description  NPN Silicon AF Transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX70 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCX70 Datasheet HTML 1Page - Infineon Technologies AG BCX70 Datasheet HTML 2Page - Infineon Technologies AG BCX70 Datasheet HTML 3Page - Infineon Technologies AG BCX70 Datasheet HTML 4Page - Infineon Technologies AG BCX70 Datasheet HTML 5Page - Infineon Technologies AG BCX70 Datasheet HTML 6Page - Infineon Technologies AG BCX70 Datasheet HTML 7Page - Infineon Technologies AG BCX70 Datasheet HTML 8Page - Infineon Technologies AG BCX70 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BCW60, BCX70
4
Jan-29-2002
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
max.
typ.
min.
DC Characteristics
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 0.25 mA
IC = 50 mA, IB = 1.25 mA
0.12
0.2
V
0.25
0.55
-
-
VCEsat
Base-emitter saturation voltage 1)
IC = 10 mA, IB = 0.25 mA
IC = 50 mA, IB = 1.25 mA
VBEsat
0.7
0.83
0.85
1.05
-
-
-
0.75
-
VBE(ON)
-
0.55
-
0.52
0.65
0.78
Base-emitter voltage 1)
IC = 10 µA, VCE = 5 V
IC = 2 mA, VCE = 5 V
IC = 50 mA, VCE = 1 V
AC Characteristics
-
250
-
fT
Transition frequency
IC = 20 mA, VCE = 5 V, f = 100 MHz
MHz
-
3
Ccb
Collector-base capacitance
VCB = 10 V, f = 1 MHz
-
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
-
Ceb
-
8
hFE-grp.
A / G
B / H
C / J / FF
D / K / FN
h11e
Short-circuit input impedance
IC = 2 mA, VCE = 5 V, f = 1 kHz
-
-
-
-
2.7
3.6
4.5
7.5
-
-
-
-
k

Open-circuit reverse voltage transf.ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
| hFE-grp.
A / G
B / H
C / J/FF
D / K / FN
h12e
-
-
-
-
1.5
2
2
3
-
-
-
-
10-4
1) Pulse test: t
≤=300µs, D = 2%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com