Electronic Components Datasheet Search
  English  ▼

X  

BCX70 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BCX70
Description  NPN Silicon AF Transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX70 Datasheet(HTML) 7 Page - Infineon Technologies AG

  BCX70 Datasheet HTML 1Page - Infineon Technologies AG BCX70 Datasheet HTML 2Page - Infineon Technologies AG BCX70 Datasheet HTML 3Page - Infineon Technologies AG BCX70 Datasheet HTML 4Page - Infineon Technologies AG BCX70 Datasheet HTML 5Page - Infineon Technologies AG BCX70 Datasheet HTML 6Page - Infineon Technologies AG BCX70 Datasheet HTML 7Page - Infineon Technologies AG BCX70 Datasheet HTML 8Page - Infineon Technologies AG BCX70 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BCW60, BCX70
7
Jan-29-2002
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 40
0
10
EHP00331
BCW 60/BCX 70
BE sat
V
0.6
V
1.2
-1
100
101
2
10
5
5
Ι
C
mA
0.2
0.4
0.8
˚C
25
100 ˚C
-50 ˚C
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 40
0
10
EHP00332
BCW 60/BCX 70
CEsat
V
V
0.5
-1
100
101
2
10
5
5
Ι
C
mA
0.1
0.2
0.3
0.4
˚C
100
25 ˚C
-50 ˚C
Collector current IC = f (VBE)
VCE = 5V
0
10
EHP00333
BCW 60/BCX 70
BE
V
0.5
V
1.0
-2
10-1
100
2
10
5
5
Ι
C
mA
5
1
10
˚C
100
25
-50
˚C
˚C
DC current gain hFE = f (IC)
VCE = 5V
10
EHP00334
BCW 60/BCX 70
-2
2
10
mA
0
10
3
10
5
5
10
-1
10
0
10
1
C
FE
h
Ι
1
10
2
10
˚C
100
5
25 ˚C
-50 ˚C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com