Electronic Components Datasheet Search
  English  ▼

X  

FRDM-KW019032 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # FRDM-KW019032
Description  FRDM-KW019032 Freescale Freedom Development Board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FRDM-KW019032 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  FRDM-KW019032 Datasheet HTML 1Page - Freescale Semiconductor, Inc FRDM-KW019032 Datasheet HTML 2Page - Freescale Semiconductor, Inc FRDM-KW019032 Datasheet HTML 3Page - Freescale Semiconductor, Inc FRDM-KW019032 Datasheet HTML 4Page - Freescale Semiconductor, Inc FRDM-KW019032 Datasheet HTML 5Page - Freescale Semiconductor, Inc FRDM-KW019032 Datasheet HTML 6Page - Freescale Semiconductor, Inc FRDM-KW019032 Datasheet HTML 7Page - Freescale Semiconductor, Inc FRDM-KW019032 Datasheet HTML 8Page - Freescale Semiconductor, Inc FRDM-KW019032 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Freescale Freedom Development Board FRDM-KW019032 User’s Guide, Rev. 0, 11/2015
4
Freescale Semiconductor, Inc.
FRDM-KW019032 overview and description
• Home and Building Automation
• Wireless Alarm and Security Systems
• Industrial Monitoring and Control
• Wireless MBUS Standard (EN13757-4:2005)
Freescale supplements the MKW01Z128 with tools and software that include hardware evaluation and
development boards, software development IDE and applications, drivers, custom PHY usable with
Freescale’s IEEE Std. 802.15.4 compatible MAC, SMAC, Thread and an available wireless MBUS
solution.
3.2
Board features
3.2.1
FRDM-KW019032 board
The FRDM-KW019032 development board is part of the Freescale Freedom development (FRDM)
platform. It has a diverse reference design containing the MKW01Z128 device and all necessary I/O
connections for use as a self-contained board or for connection to an application, and also has the
capability to connect with other Freedom development boards.
FRDM-KW019032 evaluation board can operate in the 915MHz or 868MHz frequency bands with a 32
MHz clock source. The operation band may be changed to a different band but RF matching network needs
to be optimized per BOM section (reference to chapter 4.3.1).
Figure 1 shows the FRDM-KW019032 development board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com