Electronic Components Datasheet Search
  English  ▼

X  

FRDM-KW019032 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # FRDM-KW019032
Description  FRDM-KW019032 Freescale Freedom Development Board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FRDM-KW019032 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button FRDM-KW019032 Datasheet HTML 5Page - Freescale Semiconductor, Inc FRDM-KW019032 Datasheet HTML 6Page - Freescale Semiconductor, Inc FRDM-KW019032 Datasheet HTML 7Page - Freescale Semiconductor, Inc FRDM-KW019032 Datasheet HTML 8Page - Freescale Semiconductor, Inc FRDM-KW019032 Datasheet HTML 9Page - Freescale Semiconductor, Inc FRDM-KW019032 Datasheet HTML 10Page - Freescale Semiconductor, Inc FRDM-KW019032 Datasheet HTML 11Page - Freescale Semiconductor, Inc FRDM-KW019032 Datasheet HTML 12Page - Freescale Semiconductor, Inc FRDM-KW019032 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Freescale Freedom Development Board FRDM-KW019032 User’s Guide, Rev. 0, 11/2015
Freescale Semiconductor, Inc.
9
FRDM-KW019032 development board
Figure 4. FRDM-KW019032 top side (component side) footprint
4.1.3
Board level specifications
Table 1. FRDM-KW019032 specifications
Parameter
Min
Typ
Max
Units
Notes/Conditions
General
Size (PCB: X, Y)
82.8 x 53.3
3.26 x 2.10
mm
inches
Layer build (PCB)
1.57
0.062
—mm
inches
4-Layer
Dielectric material (PCB)
FR4
Power
Current consumption
mA
Varies with operational mode, see
datasheet.
Temperature
Operating temperature (see note)
-40
+25
+70
°C
Operating temperature is limited to +70 °C
due to switches. Basic circuit is good for a
maximum temperature of +85 °C.
Storage temperature
-30
+25
+70
°C
RF Receiver
FSK Sensitivity
-105
to
-120
—dBm —



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com