Electronic Components Datasheet Search
  English  ▼

X  

HV9805 Datasheet(PDF) 9 Page - Microchip Technology

Part # HV9805
Description  Off-Line LED Driver with True DC Output Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9805 Datasheet(HTML) 9 Page - Microchip Technology

Back Button HV9805 Datasheet HTML 5Page - Microchip Technology HV9805 Datasheet HTML 6Page - Microchip Technology HV9805 Datasheet HTML 7Page - Microchip Technology HV9805 Datasheet HTML 8Page - Microchip Technology HV9805 Datasheet HTML 9Page - Microchip Technology HV9805 Datasheet HTML 10Page - Microchip Technology HV9805 Datasheet HTML 11Page - Microchip Technology HV9805 Datasheet HTML 12Page - Microchip Technology HV9805 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
 2015 Microchip Technology Inc.
DS20005374A-page 9
HV9805
Note:
Unless otherwise indicated, VDD = 8.2V, TA = +25°C, fSWI =100 kHz.
FIGURE 2-13:
Valley Detector Propagation
Delay vs. Temperature.
FIGURE 2-14:
Undervoltage Upper
Threshold Voltage vs. Temperature.
FIGURE 2-15:
Undervoltage Lower
Threshold Voltage vs. Temperature.
FIGURE 2-16:
Overvoltage Upper
Threshold Voltage vs. Temperature.
FIGURE 2-17:
Overvoltage Lower
Threshold Voltage vs. Temperature.
FIGURE 2-18:
Constant Current Regulator
Reference Voltage vs. Temperature (RUN State).
0
50
100
150
200
-50
-25
0
25
50
75
100
125
150
Temperature ( C)
TP
VAL
0.0
0.5
1.0
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
V
UVU
0.0
0.5
1.0
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
V
UVL
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
V
OVU
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
V
OVL
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
-50
-25
0
25
50
75
100
125
150
Temperature ( C)
V
REF,CCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com