Electronic Components Datasheet Search
  English  ▼

X  

HV9805 Datasheet(PDF) 13 Page - Microchip Technology

Part # HV9805
Description  Off-Line LED Driver with True DC Output Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9805 Datasheet(HTML) 13 Page - Microchip Technology

Back Button HV9805 Datasheet HTML 9Page - Microchip Technology HV9805 Datasheet HTML 10Page - Microchip Technology HV9805 Datasheet HTML 11Page - Microchip Technology HV9805 Datasheet HTML 12Page - Microchip Technology HV9805 Datasheet HTML 13Page - Microchip Technology HV9805 Datasheet HTML 14Page - Microchip Technology HV9805 Datasheet HTML 15Page - Microchip Technology HV9805 Datasheet HTML 16Page - Microchip Technology HV9805 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
 2015 Microchip Technology Inc.
DS20005374A-page 13
HV9805
4.0
FUNCTIONAL DESCRIPTION
4.1
Introduction
The HV9805 control IC provides true DC current drive
for LED lamps and fixtures with a simple two-stage
power supply topology, comprised of a boundary mode
boost converter and a linear constant current regulator.
The constant current regulator removes the influence
of bus voltage variation on the LED current and
protects the LED load from line voltage transients,
which may cause a transient increase in the bus
voltage.
The boost converter output voltage is regulated so as
to maintain a sufficient but small headroom voltage at
the pass transistor of the constant current regulator.
The small headroom voltage keeps pass transistor
power dissipation low and overall efficiency high.
The IC is targeted at designs operating at a single line
voltage, such as 120VAC or 230VAC, and does not
support designs for the universal input voltage range.
4.2
Regulator Structure
Operation is supported by a number of feedback
regulators with various operating modes, a state
machine to control these modes and voltage
comparators to control the state machine.
The four regulators of the control IC are:
•VDD regulator
• LED current regulator
• Headroom voltage regulator
• Line current waveform regulator
The state machine of the regulator logic features the
following states:
•IDLE state
•START state
• RUN state
The transition between states is controlled by the
following comparator flags:
• VDDLO, the VDD undervoltage flag
• BUSUV, the bus voltage undervoltage flag
• BUSOV, the bus voltage overvoltage flag
• HVROK, the headroom voltage OK flag
• OTPHI, the overtemperature protection flag
4.3
VDD Regulator
To power the internal circuits of the HV9805, the VDD
regulator establishes a VDD supply voltage of about 8V.
The VDD regulator operates in one of two modes: a
low-efficiency linear mode for start-up of the VDD
supply and a high-efficiency switching mode for regular
operation of the VDD supply.
Referring to the Block Diagram, current for operation of
the VDD supply flows from the boost inductor, the
external FET, the DRV pin, an internal diode and two
internal FETs.
When operating in linear mode, the first VDD FET M1
with series resistor is enabled to supply boost inductor
current to the VDD supply. The resistor provides for
gradual charging of the VDD capacitor and prevents
high frequency oscillation in the charging path.
When operating in switching mode, the second VDD
FET M2 is fully enabled in the first part of each boost
converter switching cycle to guide the linearly rising
boost inductor current toward the internal VDD supply
and the VDD capacitor. This first part is terminated by
the turn-on of the DRV FET, which guides the boost
inductor current to ground and effectively terminates
the supply of current to the VDD supply.
The switching VDD regulator section regulates the VDD
supply voltage by adjusting the length of the first part of
the switching cycle, terminating the first part by the
turn-on of the DRV FET.
The regulator logic sets the regulator mode as follows:
• in the IDLE state: linear mode
• in the START state: switching mode
• in the RUN state: switching mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com