Electronic Components Datasheet Search
  English  ▼

X  

SI53313 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # SI53313
Description  DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/LEVEL TRANSLATOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53313 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button SI53313 Datasheet HTML 9Page - Silicon Laboratories SI53313 Datasheet HTML 10Page - Silicon Laboratories SI53313 Datasheet HTML 11Page - Silicon Laboratories SI53313 Datasheet HTML 12Page - Silicon Laboratories SI53313 Datasheet HTML 13Page - Silicon Laboratories SI53313 Datasheet HTML 14Page - Silicon Laboratories SI53313 Datasheet HTML 15Page - Silicon Laboratories SI53313 Datasheet HTML 16Page - Silicon Laboratories SI53313 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Si53313
Rev. 1.0
13
2.2. Input Bias Resistors
Internal bias resistors ensure a differential output low condition in the event that the clock inputs are not connected.
The non-inverting input is biased with a 18.75 k
 pulldown to GND and a 75 k pullup to VDD. The inverting input
is biased with a 75 k
 pullup to VDD.
Figure 6. Input Bias Resistors
2.3. Voltage Reference (VREF)
The VREF pin can be used to bias the input receiver, as shown in Figure 7 when a single-ended input clock (such
as LVCMOS) is used. Note that VREF = VDD/2 and should be compatible with the VCM rating of the single-ended
input clock driving the CLK0 or CLK1 inputs. To optimize jitter and duty cycle performance, use the circuit in
Figure 4. VREF pin should be left floating when differential clocks are used.
Figure 7. Using Voltage Reference with Single-Ended Input Clock
RPU
CLK0 or
CLK1
RPU
RPU = 75 kohm
RPD = 18.75 kohm
RPD
+
–
VDD
Si53313
CLKx
CLKx
VREF
100 nF
50
VDDO = 3.3 V, 2.5 V
Rs
CMOS Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com