Electronic Components Datasheet Search
  English  ▼

X  

SI53313 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SI53313
Description  DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/LEVEL TRANSLATOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53313 Datasheet(HTML) 3 Page - Silicon Laboratories

  SI53313 Datasheet HTML 1Page - Silicon Laboratories SI53313 Datasheet HTML 2Page - Silicon Laboratories SI53313 Datasheet HTML 3Page - Silicon Laboratories SI53313 Datasheet HTML 4Page - Silicon Laboratories SI53313 Datasheet HTML 5Page - Silicon Laboratories SI53313 Datasheet HTML 6Page - Silicon Laboratories SI53313 Datasheet HTML 7Page - Silicon Laboratories SI53313 Datasheet HTML 8Page - Silicon Laboratories SI53313 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Si53313
Rev. 1.0
3
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient Operating
Temperature
TA
–40
—
85
°C
Supply Voltage Range*
VDD
LVDS, CML
1.71
1.8
1.89
V
2.38
2.5
2.63
V
2.97
3.3
3.63
V
LVPECL, low power LVPECL,
LVCMOS
2.38
2.5
2.63
V
2.97
3.3
3.63
V
HCSL
2.97
3.3
3.63
V
Output Buffer Supply
Voltage*
VDDOX
LVDS, CML, LVCMOS
1.71
1.8
1.89
V
2.38
2.5
2.63
V
2.97
3.3
3.63
V
LVPECL, low power LVPECL
2.38
2.5
2.63
V
2.97
3.3
3.63
V
HCSL
2.97
3.3
3.63
V
*Note:
Core supply VDD and output buffer supplies VDDO are independent. LVCMOS clock input is not supported for VDD =
1.8V but is supported for LVCMOS clock output for
VDDOX = 1.8V. LVCMOS outputs at 1.5V and 1.2V can be
supported via a simple resistor divider network. See “2.8.1. LVCMOS Output Termination To Support 1.5 V and 1.2 V”
Table 2. Input Clock Specifications
(VDD=1.8 V 5%, 2.5 V 5%, or 3.3 V 10%, TA=–40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Differential Input Com-
mon Mode Voltage
VCM
VDD =2.5 V5%, 3.3 V10%
0.05
—
—
V
Differential Input Swing
(peak-to-peak)
VIN
0.2
—
2.2
V
LVCMOS Input High
Voltage
VIH
VDD =2.5 V5%, 3.3 V10%
VDD x 0.7
—
—
V
LVCMOS Input Low
Voltage
VIL
VDD =2.5 V5%, 3.3 V10%
—
—
VDD x 0.3
V
Input Capacitance
CIN
CLK0 and CLK1 pins with
respect to GND
—5
—
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com