Electronic Components Datasheet Search
  English  ▼

X  

SL16010DCT Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SL16010DCT
Description  Low Jitter and Power Clock Generator with SSCG
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL16010DCT Datasheet(HTML) 2 Page - Silicon Laboratories

  SL16010DCT Datasheet HTML 1Page - Silicon Laboratories SL16010DCT Datasheet HTML 2Page - Silicon Laboratories SL16010DCT Datasheet HTML 3Page - Silicon Laboratories SL16010DCT Datasheet HTML 4Page - Silicon Laboratories SL16010DCT Datasheet HTML 5Page - Silicon Laboratories SL16010DCT Datasheet HTML 6Page - Silicon Laboratories SL16010DCT Datasheet HTML 7Page - Silicon Laboratories SL16010DCT Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev 2.6, August 1, 2010
Page 2 of 8
SL16010DC
Pin Configuration
10
9
8
7
1
2
3
4
XOUT
REFCLK
VDD2
SSEL0
XIN/CLKIN
VSS2
SSEL1
VDD1
SSCLK
5
6
VSS1
Figure 2. 10-Pin TDFN (3x3x0.75 mm)
Table 1. Pin Description
Pin
Number
Pin Name
Pin Type
Pin Description
1
XIN/CLKIN
Input
External crystal or clock input. Capacitance at this pin is 4 pF-typ.
2
VSS2
Power
Power supply ground for 27.000MHz REFCLK output.
3
SSEL1
Input
SSEL1 spread percent selection pin. Refer to Table 5 for available
spread options using SSEL1 pin. Three state, Low (L), Middle (M) and
High (H) digital input logic levels. This pin has 150k
Ω-typ input pull down
resistor.
4
VDD1
Power
Positive power supply for 100.000MHz SSCLK output. 3.3V +/-10%.
5
SSCLK
Output
SSCLK clock output. 100.000MHz nominal. Refer to Table 5 for available
spread % options by using SSEL0 and SSEL1 control pins.
6
VSS1
Power
Power supply ground for 100.000MHz SSCLK output.
7
SSEL0
Input
SSEL spread percent selection pin. Refer to Table 5 for available
spread options using SSEL0 pin. Three state, Low (L), Middle (M) and
High (H) digital input logic levels. This pin has 150k
Ω-typ input pull down
resistor.
8
VDD2
Power
Positive power supply for 27.000MHz REFCLK output. 3.3V +/-10%.
9
REFCLK
Output
REFCLK clock output. 27.000MHz nominal.
10
XOUT
Output
Crystal output. Capacitance at this pin 4 pF-typ. If clock input is used,
leave this pin not connected (N/C).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com