Electronic Components Datasheet Search
  English  ▼

X  

TS1002 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # TS1002
Description  THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1002 Datasheet(HTML) 2 Page - Silicon Laboratories

  TS1002 Datasheet HTML 1Page - Silicon Laboratories TS1002 Datasheet HTML 2Page - Silicon Laboratories TS1002 Datasheet HTML 3Page - Silicon Laboratories TS1002 Datasheet HTML 4Page - Silicon Laboratories TS1002 Datasheet HTML 5Page - Silicon Laboratories TS1002 Datasheet HTML 6Page - Silicon Laboratories TS1002 Datasheet HTML 7Page - Silicon Laboratories TS1002 Datasheet HTML 8Page - Silicon Laboratories TS1002 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TS1002/TS1004
Page 2
TS1002/4 Rev. 1.0
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (VDD to VSS) ........................... +2.75 V
Voltage Inputs (IN+, IN-) ........... (VSS - 0.3V) to (VDD + 0.3V)
Differential Input Voltage .......................................... ±2.75 V
Input Current (IN+, IN-) .............................................. 20 mA
Output Short-Circuit Duration to GND ....................Indefinite
Continuous Power Dissipation (TA = +70°C)
8-Pin MSOP (Derate 7mW/°C above +70°C)...... 450 mW
14-pin TSSOP (Derate 8.3mW/°C above +70°C)
............................................................................ 500 mW
Operating Temperature Range .................... -40°C to +85°C
Junction Temperature .............................................. +150°C
Storage Temperature Range ..................... -65°C to +150°C
Lead Temperature (soldering, 10s) ............................. +300°
Electrical and thermal stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
TAPE & REEL
ORDER NUMBER
PART
MARKING
PACKAGE
QUANTITY
TAPE & REEL
ORDER NUMBER
PART
MARKING
PACKAGE
QUANTITY
TS1002IM8
TADJ
-----
TS1004IT14
T1004I
-----
TS1002IM8T
2500
TS1004IT14T
2500
Lead-free Program: Silicon Labs supplies only lead-free packaging.
Consult Silicon Labs for products specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com