Electronic Components Datasheet Search
  English  ▼

X  

TS1002 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # TS1002
Description  THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1002 Datasheet(HTML) 3 Page - Silicon Laboratories

  TS1002 Datasheet HTML 1Page - Silicon Laboratories TS1002 Datasheet HTML 2Page - Silicon Laboratories TS1002 Datasheet HTML 3Page - Silicon Laboratories TS1002 Datasheet HTML 4Page - Silicon Laboratories TS1002 Datasheet HTML 5Page - Silicon Laboratories TS1002 Datasheet HTML 6Page - Silicon Laboratories TS1002 Datasheet HTML 7Page - Silicon Laboratories TS1002 Datasheet HTML 8Page - Silicon Laboratories TS1002 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TS1002/TS1004
TS1002/4 Rev. 1.0
Page 3
ELECTRICAL CHARACTERISTICS
VDD = +0.8V, VSS = 0V, VINCM = VSS; RL = 100k
Ω to (VDD-VSS)/2; TA = -40°C to +85°C, unless otherwise noted.
Typical values are at TA = +25°C. See Note 1
Parameters
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage Range
VDD-VSS
0.65
0.8
2.5
V
Supply Current
ISY
TS1002; RL = Open circuit
TA = 25°C
1.2
1.6
µA
-40
°C ≤ TA ≤ 85°C
2
TS1004; RL = Open circuit
TA = 25°C
2.4
3.2
µA
-40
°C ≤ TA ≤ 85°C
4
Input Offset Voltage
VOS
VIN = VSS or VDD
TA = 25°C
0.5
3
mV
-40
°C ≤ TA ≤ 85°C
5
Input Offset Voltage Drift
TCVOS
10
µV/°C
Input Bias Current
IIN+, IIN-
VIN+, VIN- = (VDD - VSS)/2
TA = 25°C
0.025
nA
-40
°C ≤ TA ≤ 85°C
20
Input Offset Current
IOS
Specified as IIN+ - IIN-
VIN+, VIN- = (VDD - VSS)/2
TA = 25°C
0.01
nA
-40
°C ≤ TA ≤ 85°C
2
Input Voltage Range
IVR
Guaranteed by Input Offset Voltage Test
VSS
VDD
V
Common-Mode Rejection Ratio
CMRR
0V
≤ V
IN(CM) ≤ 0.4V
50
74
dB
Power Supply Rejection Ratio
PSRR
0.65V
≤ (V
DD - VSS) ≤ 2.5V
50
74
dB
Output Voltage High
VOH
Specified as VDD - VOUT,
RL = 100kΩ to VSS
TA = 25°C
1.2
2
mV
-40
°C ≤ TA ≤ 85°C
2.5
Specified as VDD - VOUT,
RL = 10kΩ to VSS
TA = 25°C
10
16
-40
°C ≤ TA ≤ 85°C
20
Output Voltage Low
VOL
Specified as VOUT - VSS,
RL = 100kΩ to VDD
TA = 25°C
0.4
0.6
mV
-40
°C ≤ TA ≤ 85°C
1
Specified as VOUT - VSS,
RL = 10kΩ to VDD
TA = 25°C
5
7
-40
°C ≤ TA ≤ 85°C
10
Short-circuit Current
ISC+
VOUT = VSS
TA = 25°C
0.5
1.5
mA
-40
°C ≤ TA ≤ 85°C
0.3
ISC-
VOUT = VDD
TA = 25°C
4.5
11
-40
°C ≤ TA ≤ 85°C
3
Open-loop Voltage Gain
AVOL
VSS+50mV ≤ VOUT ≤ VDD-50mV
TA = 25°C
90
104
dB
-40
°C ≤ TA ≤ 85°C
85
Gain-Bandwidth Product
GBWP
RL = 100kΩ to VSS, CL = 20pF
4
kHz
Phase Margin
φ
M
Unity-gain Crossover,
RL = 100kΩ to VSS, CL = 20pF
70
degrees
Slew Rate
SR
RL = 100kΩ to VSS, AVCL = +1V/V
1.5
V/ms
Full-power Bandwidth
FPBW
FPBW = SR/(
π • V
OUT,PP); VOUT,PP = 0.7VPP
680
Hz
Input Voltage Noise Density
en
f = 1kHz
0.6
µV/
√Hz
Input Current Noise Density
in
f = 1kHz
10
pA/
√Hz
Note 1: All specifications are 100% tested at TA = +25°C. Specification limits over temperature (TA = TMIN to TMAX) are guaranteed by
device characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com