Electronic Components Datasheet Search
  English  ▼

X  

SI4721 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI4721
Description  RECEIVE POWER SCAN PRIMER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4721 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI4721 Datasheet HTML 1Page - Silicon Laboratories SI4721 Datasheet HTML 2Page - Silicon Laboratories SI4721 Datasheet HTML 3Page - Silicon Laboratories SI4721 Datasheet HTML 4Page - Silicon Laboratories SI4721 Datasheet HTML 5Page - Silicon Laboratories SI4721 Datasheet HTML 6Page - Silicon Laboratories SI4721 Datasheet HTML 7Page - Silicon Laboratories SI4721 Datasheet HTML 8Page - Silicon Laboratories SI4721 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AN307
2
Rev. 0.2
2.2. Minimum Averaged Noise Level
By using the average of several frequency bins, the algorithm selects stations away from strong adjacent channels
because certain receivers suffer from poor blocker performance. The noise is averaged over the current frequency
±1 channel to arrive at the measurement. To reduce the effects of noise floor shaping, the algorithm divides the FM
spectrum into several separate bands and finds the lowest power in each (same as algorithm 1). Figure 2
illustrates an RPS spectrum (in red) along with the averaged noise level spectrum (in black).
Figure 2. Selecting Stations Using Average Minimum Power in Five FM Frequency Bands
Certain receivers may suffer from poor performance due to blockers at either adjacent (N±1) or alternate channels
(N±2). As a further enhancement, the RPS scan algorithm can incorporate alternate channels by averaging over
five channels (N–2, N–1, N, N+1, N+2). The averaging is weighted using the coefficients (1, 2, 6, 2, 1) and then
normalized by the sum of the coefficients. The current channel (N) has the most effect on the averaged value
(coefficient value 6), followed by the adjacent channels (coefficient value 2), and finally the alternate channels
(coefficient value 1). This algorithm improves performance with receivers that are sensitive to alternate channel
interference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com