Electronic Components Datasheet Search
  English  ▼

X  

SI4721 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SI4721
Description  RECEIVE POWER SCAN PRIMER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4721 Datasheet(HTML) 3 Page - Silicon Laboratories

  SI4721 Datasheet HTML 1Page - Silicon Laboratories SI4721 Datasheet HTML 2Page - Silicon Laboratories SI4721 Datasheet HTML 3Page - Silicon Laboratories SI4721 Datasheet HTML 4Page - Silicon Laboratories SI4721 Datasheet HTML 5Page - Silicon Laboratories SI4721 Datasheet HTML 6Page - Silicon Laboratories SI4721 Datasheet HTML 7Page - Silicon Laboratories SI4721 Datasheet HTML 8Page - Silicon Laboratories SI4721 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AN307
Rev. 0.2
3
3. RPS Algorithm Implementation
This section provides pseudocode for the algorithms for implementing the RPS scan algorithms discussed
previously.
In order to determine the noise level at a given frequency the Si4712/13/20/21 function TX_TUNE_MEASURE is
called with the desired frequency. The results are read using the TX_TUNE_STATUS command.
The GET_INT_STATUS command must be performed between sending the TX_TUNE_MEASURE command and
reading the TX_TUNE_STATUS to ensure that the measurement has completed. The measurement completion is
indicated by the Seek Tune Complete (STCINT) bit.
Pseudocode for this algorithm is shown below. TCL code that demonstrates scanning the entire US FM band is
included as Appendix A. This code allows the number of filter taps and the number of bands to break the scan into
to be set via variables. It is straightforward to modify this code to use a single RNL measurement when choosing
the minimum noise level rather than the filtered (averaged) version.
This algorithm requires the host to maintain 3 arrays: the filter values to average (e.g. 3, 5 or more consecutive
measurements), the filter coefficients (3, 5, or more matching the filter width), and the list of minimal values found
per FM frequency range.
INIT FilterData to {0 0 0 0 0}
//FilterData array holds the noise values of the current, adjacent,
// alternate channels. The values are arranged in the array as:
//{N+2, N-2, N-1, N, N+1}
INIT FilterCoefficients to {1 1 2 6 2}
//FilterCoefficients array holds the filter coefficients for weighing
//the value of each channel in the average.
INIT Minima to {0 0 0 0 0}
//Minima array stores the frequency with the lowest averaged noise
//level for each of the 5 bands.
INIT ChannelsPerBand to
( number of channels in the FM band) / ( number of bands )
//ChannelsPerBand stores how many FM channels exist
//in each of the bands
FOR each i = ( number of channels in the FM band + ( FilterWidth / 2 ) )
//Scan the entire FM band
SET CurrentChannel to ( StartingFreq + ( i * ChannelSpacing ) )
SET CurrentBand to ( i / ChannelsPerBand )
SET FilterPointer to ( i MODULUS ( FilterWidth ) )
//FilterPointer indicates the location in FilterData to fill
//with the next noise level reading
IF CurrentChannel > (top of the FM band)
SET FilterData at FilterPointer to 0
ELSE
//Tune and measure the noise level
CALL TX_TUNE_MEASURE with CurrentChannel and 1
REPEAT
CALL GET_INT_STATUS
UNTIL
SEEK TUNE COMPLETE
SET MeasuredRNL to ( CALL TX_TUNE_STATUS with 0 )
SET FilterData at FilterPointer to (MeasuredRNL)
IF i > ( FilterWidth / 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com