Electronic Components Datasheet Search
  English  ▼

X  

BFP182R Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFP182R
Description  NPN Silicon RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP182R Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFP182R Datasheet HTML 1Page - Infineon Technologies AG BFP182R Datasheet HTML 2Page - Infineon Technologies AG BFP182R Datasheet HTML 3Page - Infineon Technologies AG BFP182R Datasheet HTML 4Page - Infineon Technologies AG BFP182R Datasheet HTML 5Page - Infineon Technologies AG BFP182R Datasheet HTML 6Page - Infineon Technologies AG BFP182R Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BFP182R
Aug-09-2001
1
NPN Silicon RF Transistor
 For low noise, high-gain broadband amplifiers at
collector currents from 1 mA to 20 mA
 fT = 8 GHz
F = 1.2 dB at 900 MHz
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking
Pin Configuration
Package
BFP182R
RGs
1 = E
2 = C
3 = E
4 = B
SOT143R
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
12
V
Collector-emitter voltage
VCES
20
Collector-base voltage
VCBO
20
Emitter-base voltage
VEBO
2
Collector current
IC
35
mA
Base current
IB
4
Total power dissipation
TS
 69 °C 1)
Ptot
250
mW
Junction temperature
Tj
150
°C
Ambient temperature
TA
-65 ... 150
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point 2)
RthJS
 325
K/W
1TS is measured on the collector lead at the soldering point to the pcb
2For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BFP182R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP182R SIEMENS-BFP182R Datasheet
58Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
logo
Infineon Technologies A...
BFP182R INFINEON-BFP182R Datasheet
144Kb / 7P
NPN Silicon RF Transistor
2007-04-20
BFP182R INFINEON-BFP182R Datasheet
556Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFP182R INFINEON-BFP182R_07 Datasheet
144Kb / 7P
NPN Silicon RF Transistor
2007-04-20
BFP182R INFINEON-BFP182R_14 Datasheet
556Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-07
More results

Similar Description - BFP182R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com