Electronic Components Datasheet Search
  English  ▼

X  

BFP182R Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BFP182R
Description  NPN Silicon RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP182R Datasheet(HTML) 2 Page - Infineon Technologies AG

  BFP182R Datasheet HTML 1Page - Infineon Technologies AG BFP182R Datasheet HTML 2Page - Infineon Technologies AG BFP182R Datasheet HTML 3Page - Infineon Technologies AG BFP182R Datasheet HTML 4Page - Infineon Technologies AG BFP182R Datasheet HTML 5Page - Infineon Technologies AG BFP182R Datasheet HTML 6Page - Infineon Technologies AG BFP182R Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BFP182R
Aug-09-2001
2
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Values
Unit
Symbol
min.
max.
typ.
DC characteristics
V
V(BR)CEO
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
12
-
-
µA
Collector-emitter cutoff current
VCE = 20 V, VBE = 0
-
100
-
ICES
Collector-base cutoff current
VCB = 10 V, IE = 0
ICBO
-
-
100
nA
Emitter-base cutoff current
VEB = 1 V, IC = 0
IEBO
-
-
1
µA
DC current gain
IC = 10 mA, VCE = 8 V
hFE
50
100
200
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com