Electronic Components Datasheet Search
  English  ▼

X  

BFP183 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BFP183
Description  NPN Silicon RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP183 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BFP183 Datasheet HTML 1Page - Infineon Technologies AG BFP183 Datasheet HTML 2Page - Infineon Technologies AG BFP183 Datasheet HTML 3Page - Infineon Technologies AG BFP183 Datasheet HTML 4Page - Infineon Technologies AG BFP183 Datasheet HTML 5Page - Infineon Technologies AG BFP183 Datasheet HTML 6Page - Infineon Technologies AG BFP183 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BFP183
Aug-10-2001
4
SPICE Parameters (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax) :
Transistor Chip Data
BF =
115.98
-
IKF =
0.14562
A
BR =
10.016
-
IKR =
0.013483
A
RB =
2.5426

RE =
1.3435
VJE =
1.0792
V
XTF =
0.36823
-
PTF =
0
deg
MJC =
0.3
-
CJS =
0fF
XTB =
0-
FC =
0.54852
-
IS =
1.0345
fA
VAF =
14.772
V
NE =
1.2149
-
VAR =
3.4276
V
NC =
0.85331
-
RBM =
1.0112

CJE =
23.077
fF
TF =
22.746
ps
ITF =
1.8773
mA
VJC =
1.1967
V
TR =
1.0553
ns
MJS =
0-
XTI =
3
-
NF =
0.80799
-
ISE =
16.818
fA
NR =
0.99543
-
ISC =
1.3559
fA
IRB =
0.43801
mA
RC =
0.20486

MJE =
0.45354
-
VTF =
0.50905
V
CJC =
460.11
fF
XCJC =
0.053823
-
VJS =
0.75
V
EG =
1.11
eV
TNOM
300
K
All parameters are ready to use, no scalling is necessary.
Extracted on behalf of Infineon Technologies AG by:
Institut für Mobil-und Satellitentechnik (IMST)
Package Equivalent Circuit:
LBI =
0.89
nH
LBO =
0.73
nH
LEI =
0.4
nH
LEO =
0.15
nH
LCI =
0nH
LCO =
0.42
nH
CBE =
189
fF
CCB =
15
fF
CCE =
187
fF
Valid up to 6GHz
For examples and ready to use parameters please contact your local Infineon Technologies distributor or sales
office to obtain a Infineon Technologies CD-ROM or see Internet: http://www.infineon.com/silicondiscretes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com