Electronic Components Datasheet Search
  English  ▼

X  

BFP183 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BFP183
Description  NPN Silicon RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP183 Datasheet(HTML) 6 Page - Infineon Technologies AG

  BFP183 Datasheet HTML 1Page - Infineon Technologies AG BFP183 Datasheet HTML 2Page - Infineon Technologies AG BFP183 Datasheet HTML 3Page - Infineon Technologies AG BFP183 Datasheet HTML 4Page - Infineon Technologies AG BFP183 Datasheet HTML 5Page - Infineon Technologies AG BFP183 Datasheet HTML 6Page - Infineon Technologies AG BFP183 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BFP183
Aug-10-2001
6
Collector-base capacitance Ccb = f (VCB)
f
= 1MHz
0
4
8
12
16
V
22
VCB
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
pF
0.70
Transition frequency fT = f (IC)
VCE = Parameter
0
5
10
15
20
25
30
35
mA
45
IC
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
GHz
10.0
10V
5V
3V
2V
1V
0.7V
Power Gain Gma, Gms = f(IC)
f = 0.9GHz
VCE = Parameter
0
5
10
15
20
25
30
35
mA
45
IC
8
10
12
14
16
18
dB
22
10V
5V
3V
2V
1V
0.7V
Power Gain Gma, Gms = f(IC)
f = 1.8GHz
VCE = Parameter
0
5
10
15
20
25
30
35
mA
45
IC
0
2
4
6
8
10
12
dB
16
10V
3V
2V
1V
0.7V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com