Electronic Components Datasheet Search
  English  ▼

X  

BFP405F Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BFP405F
Description  NPN Silicon RF Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP405F Datasheet(HTML) 3 Page - Infineon Technologies AG

  BFP405F Datasheet HTML 1Page - Infineon Technologies AG BFP405F Datasheet HTML 2Page - Infineon Technologies AG BFP405F Datasheet HTML 3Page - Infineon Technologies AG BFP405F Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SIEGET25
BFP405F
Dec-07-2001
3
SPICE Parameters (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax) :
Transistor Chip Data
NF =
1.0405
-
ISE =
15.761
fA
NR =
0.96647
-
ISC =
0.037223
fA
IRB =
0.21215
A
RC =
0.12691

MJE =
0.37747
-
VTF =
0.19762
V
CJC =
96.941
fF
XCJC =
0.08161
-
VJS =
0.75
V
EG =
1.11
eV
TNOM
300
K
BF =
83.23
-
IKF =
0.16493
A
BR =
10.526
-
IKR =
0.25052
A
RB =
15

RE =
1.9289
VJE =
0.70367
V
XTF =
0.3641
-
PTF =
0
deg
MJC =
0.48652
-
CJS =
0fF
XTB =
0
-
FC =
0.99469
-
IS =
0.21024
fA
VAF =
39.251
V
NE =
1.7763
-
VAR =
34.368
V
NC =
1.3152
-
RBM =
1.3491

CJE =
3.7265
fF
TF =
4.5899
ps
ITF =
1.3364
mA
VJC =
0.99532
V
TR =
1.4935
ns
MJS =
0
-
XTI =
3
-
C'-E'-Diode Data (Berkley-SPICE 2G.6 Syntax) :
IS =
2
fA
RS =
20

N =
1.02
-
All parameters are ready to use, no scaling is necessary
Package Equivalent Circuit:
LBI =
0.42
nH
RLBI =
0.15

LEI =
0.26
nH
RLEI =
0.11

LCI =
0.35
nH
RLCI =
0.13

KCI-EI =
-0.05
-
KBI-CI =
-0.08
-
KBI-EI =
0.20
-
LBO =
0.22
nH
LEO =
0.28
nH
LCO =
0.22
nH
KBO-EO = 0.10
-
KBO-CO = 0.01
-
KEO-CO = 0.11
-
CBE =
34
fF
CBC =
2
fF
CCE =
33
fF
Valid up to 6GHz
The TSFP-4 package has two emitter leads. To avoid high complexity of the package equivalent circuit,
both leads are combined in one electrical connection.
RLxI are series resistors for the inductances LxI and Kxa-yb are the coupling coefficients between
the inductances
Lxa and Lyb. The referencepins for the coupled ports are B, E, C, B`, E`, C`.
For examples and ready to use parameters please contact your local Infineon Technologies
distributor or sales office to obtain a Infineon Technologies CD-ROM or see Internet:
http://www.infineon.com/silicondiscretes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com