Electronic Components Datasheet Search
  English  ▼

X  

ASB110PS28 Datasheet(PDF) 4 Page - XP Power Limited

Part # ASB110PS28
Description  No Extra Components Required
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ASB110PS28 Datasheet(HTML) 4 Page - XP Power Limited

  ASB110PS28 Datasheet HTML 1Page - XP Power Limited ASB110PS28 Datasheet HTML 2Page - XP Power Limited ASB110PS28 Datasheet HTML 3Page - XP Power Limited ASB110PS28 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ASB110 Series
www.xppower.com
AC-DC Power Supplies
13-April-15
Application Notes
60%
70%
80%
90%
100%
10
20
30
40
50
60
70
80
90
100
Load (%)
85Vac input
90Vac input
115Vac input
230Vac input
264Vac input
60%
70%
80%
90%
100%
10
20
30
40
50
60
70
80
90
100
Load (%)
85Vac input
90Vac input
115Vac input
230Vac input
264Vac input
100
50
25
200
150
300
250
350
400
85
75
65
55
45
Baseplate Temperature (°C)
Lifetime
Efficiency Curves
Lifetime
ASB110PS12
ASB110PS24



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com