Electronic Components Datasheet Search
  English  ▼

X  

ASB110PS28 Datasheet(PDF) 3 Page - XP Power Limited

Part # ASB110PS28
Description  No Extra Components Required
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ASB110PS28 Datasheet(HTML) 3 Page - XP Power Limited

  ASB110PS28 Datasheet HTML 1Page - XP Power Limited ASB110PS28 Datasheet HTML 2Page - XP Power Limited ASB110PS28 Datasheet HTML 3Page - XP Power Limited ASB110PS28 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
ASB110 Series
www.xppower.com
AC-DC Power Supplies
Optional Heatsink (IFH HEATSINK)
Application Notes
0.23
(5.9)
0.67
(17.0)
2.40
(61.0)
ACL
+Vout
-Vout
ACN
FG
0.40
(10.16)
0.40
(10.16)
4.20 (106.7)
4.60 (116.8)
4 mounting holes, 3.5 mm
5-Ø 0.08
(2.0)
2.00
(50.8)
1. Dimensions shown in inches (mm).
2. Weight: 0.51 lb (230 g)
3. Pin diameter: 0.04 ±0.002 (1.0 ±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
6. Baseplate is connected to FG Pin
Notes
Mechanical Details
4.60 (116.8)
2.40
(61.0)
1.00
(25.4)
4.20 (106.7)
100
50
0
-40 -30 -20
-10
0
10
20
Ambient Temperature (°C)
30
40
50
60
70
80
90
With IFH HEATSINK
100
50
0
-40 -30 -20
-10
0
10
20
Baseplate Temperature (°C)
30
40
50
60
70
80
90
Derating Curve
When ASB110 is fitted with IFH HEATSINK and mounted in horizontal position with heatsink upper most, the base plate temperature will typically be 85 °C in an ambient
of 50 °C.
Notes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com