Electronic Components Datasheet Search
  English  ▼

X  

BFP520 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BFP520
Description  NPN Silicon RF Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP520 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BFP520 Datasheet HTML 1Page - Infineon Technologies AG BFP520 Datasheet HTML 2Page - Infineon Technologies AG BFP520 Datasheet HTML 3Page - Infineon Technologies AG BFP520 Datasheet HTML 4Page - Infineon Technologies AG BFP520 Datasheet HTML 5Page - Infineon Technologies AG BFP520 Datasheet HTML 6Page - Infineon Technologies AG BFP520 Datasheet HTML 7Page - Infineon Technologies AG BFP520 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BFP520
SIEGET45
Sep-26-2001
4
SPICE Parameters (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax) :
Transistor Chip Data
IS =
15
aA
VAF =
25
V
NE =
2-
VAR =
2V
NC =
2-
RBM =
7.5

CJE =
235
fF
TF =
1.7
ps
ITF =
0.7
A
VJC =
0.661
V
TR =
50
ns
MJS =
0.333
-
XTI =
0.035
-
BF =
235
-
IKF =
0.4
A
BR =
1.5
-
IKR =
0.01
A
RB =
11

RE =
0.6
VJE =
0.958
V
XTF =
10
-
PTF =
50
deg
MJC =
0.236
-
CJS =
0fF
XTB =
-0.25
-
FC =
0.5
-
NF =
1
-
ISE =
25
fA
NR =
1-
ISC =
20
fA
IRB =
-A
RC =
7.6

MJE =
0.335
-
VTF =
5V
CJC =
93
fF
XCJC =
1-
VJS =
0.75
V
EG =
1.11
eV
TNOM
298
K
Package Equivalent Circuit:
LBI =
0.47
nH
LBO =
0.53
nH
LEI =
0.23
nH
LEO =
0.05
nH
LCI =
0.56
nH
LCO =
0.58
nH
CBE =
136
fF
CCB =
6.9
fF
CCE =
134
fF
Valid up to 6GHz
The SOT-343 package has two emitter leads. To avoid high complexity of the package equivalent circuit,
both leads are combined in one electrical connection.
For examples and ready to use parameters please contact your local Infineon Technologies
distributor or sales office to obtain a Infineon Technologies CD-ROM or see Internet:
http://www.infineon.com/silicondiscretes



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com