Electronic Components Datasheet Search
  English  ▼

X  

BFP650 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BFP650
Description  NPN Silicon Germanium RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP650 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BFP650 Datasheet HTML 1Page - Infineon Technologies AG BFP650 Datasheet HTML 2Page - Infineon Technologies AG BFP650 Datasheet HTML 3Page - Infineon Technologies AG BFP650 Datasheet HTML 4Page - Infineon Technologies AG BFP650 Datasheet HTML 5Page - Infineon Technologies AG BFP650 Datasheet HTML 6Page - Infineon Technologies AG BFP650 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BFP650
Jan-08-2004
4
SPICE Parameter (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax):
Transitor Chip Data:
IS =
0.61
fA
VAF =
1000
V
NE =
2-
VAR =
2V
NC =
1.8
-
RBM =
0.895
Ω
CJE =
682.5
fF
TF =
1.9
ps
ITF =
1.25
A
VJC =
0.6
V
TR =
0.2
ns
MJS =
0.27
-
XTI =
3-
AF =
2
-
TITF1
-0.0065
-
NF =
1.025
-
ISE =
62
fA
NR =
1-
ISC =
700
fA
IRB =
4.548
mA
RC =
1.006
Ω
MJE =
0.3
-
VTF =
1.5
V
CJC =
204.6
fF
XCJC =
1-
VJS =
0.6
V
EG =
1.078
eV
TNOM
298
K
BF =
450
-
IKF =
0.47
A
BR =
42
-
IKR =
18
mA
RB =
1.036
Ω
RE =
0.2
-
VJE =
0.8
V
XTF =
10
-
PTF =
0
deg
MJC =
0.5
-
CJS =
294.9
fF
XTB =
-1.42
-
FC =
0.8
KF =
2.441E-11
TITF2
1.0E-5
All parameters are ready to use, no scalling is necessary. Extracted on behalf of Infineon Technologies AG by:
Institut für Mobil- und Satellitentechnik (IMST)
Package Equivalent Circuit:
B
C
E
C C E O
C B E O
C C E I
C B E I
C B E C
C B C C
S
C
B
E
B F P 6 5 0 _ C h i p
L B C
L C C
L E C
R C B S
R C C S
R C E S
L B B
L C B
L E B
I t f = 1 2 5 0 * ( 1 - 6 . 5 e - 3 * ( T - 2 5 ) + 1 . 0 e - 5 * ( T - 2 5 ) ^ 2 )
T =
2 5 ° C
C B C O
LBC =
50
pH
LCC =
50
pH
LEC =
4
pH
LBB =
554.6
pH
LCB =
606.9
pH
LEB =
138.7
pH
CBEC = 327.6
fF
CBCC = 171.4
fF
CES =
490
fF
CBS =
120
fF
CCS =
135
fF
CBCO = 7.5
fF
CCEO = 112.6
fF
CBEO = 121.5
fF
CCEI =
5.7
fF
CBEI =
6.9
Ω
RBS =
710
Ω
RCS =
710
Ω
RES =
140
Ω
For examples and ready to use parameters
please contact your local Infineon Technologies
distributor or sales office to obtain a Infineon
Technologies CD-ROM or see Internet:
http//www.infineon.com/silicondiscretes
Valid up to 6GHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com