Electronic Components Datasheet Search
  English  ▼

X  

LTC2937 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2937
Description  Programmable Six Channel Sequencer and Voltage Supervisor with EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2937 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2937 Datasheet HTML 9Page - Linear Technology LTC2937 Datasheet HTML 10Page - Linear Technology LTC2937 Datasheet HTML 11Page - Linear Technology LTC2937 Datasheet HTML 12Page - Linear Technology LTC2937 Datasheet HTML 13Page - Linear Technology LTC2937 Datasheet HTML 14Page - Linear Technology LTC2937 Datasheet HTML 15Page - Linear Technology LTC2937 Datasheet HTML 16Page - Linear Technology LTC2937 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
dc2313af
DEMO MANUAL DC2313A
software controL with LtpowerpLay
After modifying a register hit F12 on the keyboard to
update that register in the LTC2937 RAM.
Continue with the other channels:
SEQ_UP_POSITION_2 = 0x0007 : place channel 2 in
sequence position 7
SEQ_UP_POSITION_3 = 0x0003 : place channel 3 in
sequence position 3
SEQ_UP_POSITION_4 = 0x0001 : place channel 4 in
sequence position 1
SEQ_UP_POSITION_5 = 0x0002 : place channel 5 in
sequence position 2
SEQ_UP_POSITION_6 = 0x0004 : place channel 6 in
sequence position 4
3) Write each of the 6 SEQUENCE_DOWN_POSITION_n
registers to change their sequence positions:
SEQ_DOWN_POSITION_1 = 0x0001 : place channel 1
in sequence position 1
SEQ_DOWN_POSITION_2 = 0x0001 : place channel 2
in sequence position 1
SEQ_DOWN_POSITION_3 = 0x0007 : place channel 3
in sequence position 7
SEQ_DOWN_POSITION_4 = 0x0003 : place channel 4
in sequence position 3
SEQ_DOWN_POSITION_5 = 0x03FF : place channel 5
in sequence position 1023
SEQ_DOWN_POSITION_6 = 0x0004 : place channel 6
in sequence position 4
4) If you have not already written the GUI configuration
to RAM (using F12), then update all registers with the
Write All button
5) Initiate a sequence-up by writing ON_OFF_CON-
TROL[4:2] = 110.
Remember that we are programmed to ignore the
SEQUENCE UP/DOWN pushbutton.
6) Observe the modified sequence-up order as the sup-
plies come up.
The ON_OFF_CONTROL[7] bit becomes set
The STATUS_INFORMATION[11:10] bits cycle
through the sequence-up states
TheSEQ_POSITION_COUNT[9:0]bitscountthrough
the sequence-up states (1-8).
7) Initiate a sequence-down by writing ON_OFF_CON-
TROL[4:2] = 010.
TheSEQ_POSITION_COUNT[9:0]bitscountthrough
the sequence-down states (1-1023-0).
Notice that channel 5 is in the last sequence-down
position (1023). During sequence-down operation
the SEQUENCE POSITION COUNT will count up to
1023beforede-activatingEN5,thenroll-overtocount
0 before stopping.
Restore the EEPROM default register settings by
executing a RESTORE (0x2D) command. In LT-
powerPlay this command is issued by pressing the
RESTOREbutton,followedbythereadRAMregisters
button:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com