Electronic Components Datasheet Search
  English  ▼

X  

LTC2937 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2937
Description  Programmable Six Channel Sequencer and Voltage Supervisor with EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2937 Datasheet(HTML) 2 Page - Linear Technology

  LTC2937 Datasheet HTML 1Page - Linear Technology LTC2937 Datasheet HTML 2Page - Linear Technology LTC2937 Datasheet HTML 3Page - Linear Technology LTC2937 Datasheet HTML 4Page - Linear Technology LTC2937 Datasheet HTML 5Page - Linear Technology LTC2937 Datasheet HTML 6Page - Linear Technology LTC2937 Datasheet HTML 7Page - Linear Technology LTC2937 Datasheet HTML 8Page - Linear Technology LTC2937 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
dc2313af
DEMO MANUAL DC2313A
Ltc2937 features
how to use this Document
the Dc2313a BoarD
Figure 1. DC2313A Board
• Time and Event-Based Supply Sequencing
• 12Programmable Undervoltage and Overvoltage Com-
parators (0.75% Accuracy)
• Stalled Power-Supply Detection
• Single Wire Synchronization Allows Controller Expan-
sion to 50 Devices (300 Power Supplies)
• Configuration and Fault Logging in EEPROM
• EEPROM Rated to 85°C, 10k Writes, 20 Year Retention
• Supported by LTpowerPlay GUI
• Fault and System Status Registers
• Reset Output with Programmable Delay
• I2C/SMBus Interface
• Wide Input Supply Voltage Range: 2.9V to 16.5V
• 28-Pin QFN (5mm
× 6mm) Package
This demonstration manual introduces the LTC2937
through a series of simple exercises using the DC2313A
demo board and the LTpowerPlay software. Each exercise
introduces one or two key features of the part, as well as
recommended methods for interfacing to it. The LTC2937
has more useful features than can be covered here. The
userisreferredtotheLTC2937datasheet,andtoadditional
exercisesintheDC2313AAdvancedUserGuidedocument.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com