Electronic Components Datasheet Search
  English  ▼

X  

LTM4677EY Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4677EY
Description  Dual 18A or Single 36A 關Module Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677EY Datasheet(HTML) 1 Page - Linear Technology

  LTM4677EY Datasheet HTML 1Page - Linear Technology LTM4677EY Datasheet HTML 2Page - Linear Technology LTM4677EY Datasheet HTML 3Page - Linear Technology LTM4677EY Datasheet HTML 4Page - Linear Technology LTM4677EY Datasheet HTML 5Page - Linear Technology LTM4677EY Datasheet HTML 6Page - Linear Technology LTM4677EY Datasheet HTML 7Page - Linear Technology LTM4677EY Datasheet HTML 8Page - Linear Technology LTM4677EY Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
dc2066af
DEMO MANUAL DC2066A
Description
LTM4677EY
Dual 18A or Single 36A µModule Regulator
With Digital Power System Management
Demonstration circuit 2066A is a dual-output, high ef-
ficiency, high density, µModule regulator with 4.5V to
16V input range. Each output can supply 18A maximum
load current. The demo board has a LTM®4677 µModule
regulator, which is a dual 18A or single 36A step-down
regulator with digital power system management. Please
seetheLTM4677datasheetformoredetailedinformation.
DC2066Apowersuptodefaultsettingsandproducespower
based on configuration resistors without the need for any
serial bus communication. This allows easy evaluation of
the DC/DC converter. To fully explore the extensive power
system management features of the part, download the
GUI software LTpowerPlay™ onto your PC and use LTC’s
I2C/SMBus/PMBus dongle DC1613A to connect to the
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
BoarD photo
board. LTpowerPlay allows the user to reconfigure the part
on the fly and store the configuration in EEPROM, view
telemetryofvoltage,current,temperatureandfaultstatus.
GUI Download
The software can be downloaded from:
http://www.linear.com/ltpowerplay
For more details and instructions of LTpowerPlay, please
refer to LTpowerPlay GUI for LTM4677 Quick Start Guide.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2066A
Figure 1. Dual-Output LTM4677/DC2066A Demo Circuit


Similar Part No. - LTM4677EY

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4677 LINER-LTM4677 Datasheet
1Mb / 28P
Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTM4677 LINER-LTM4677 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
LTM4677 LINER-LTM4677 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
LTM4677 LINER-LTM4677 Datasheet
720Kb / 34P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4677 LINER-LTM4677 Datasheet
662Kb / 36P
Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
More results

Similar Description - LTM4677EY

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4630 LINER-LTM4630_15 Datasheet
643Kb / 34P
Dual 18A or Single 36A DC/DC Module Regulator
LTM4630-1 LINER-LTM4630-1_15 Datasheet
1Mb / 36P
Dual 18A or Single 36A Module Regulator with 0.8% DC and 3% Transient Accuracy
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
Dual 9A or Single 18A Module Regulator with Digital Power System Management
LTM4630EY-1 LINER-LTM4630EY-1 Datasheet
883Kb / 8P
Dual 18A or Single 36A 關Module Regulator with 짹0.8% DC and 짹3% Transient Accuracy
LTM4630EV LINER-LTM4630EV Datasheet
803Kb / 8P
High Efficiency Dual 18A or Single 36A 關Module Regulator
LTM4630A LINER-LTM4630A Datasheet
1Mb / 38P
Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4630 LINER-LTM4630 Datasheet
643Kb / 34P
Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4646 LINER-LTM4646 Datasheet
533Kb / 34P
Dual 10A or Single 20A 關Module Regulator
LTM4650AEY-1 LINER-LTM4650AEY-1 Datasheet
1Mb / 12P
Dual 25A or Single 50A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com