Electronic Components Datasheet Search
  English  ▼

X  

LTM4677EY Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4677EY
Description  Dual 18A or Single 36A 關Module Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677EY Datasheet(HTML) 5 Page - Linear Technology

  LTM4677EY Datasheet HTML 1Page - Linear Technology LTM4677EY Datasheet HTML 2Page - Linear Technology LTM4677EY Datasheet HTML 3Page - Linear Technology LTM4677EY Datasheet HTML 4Page - Linear Technology LTM4677EY Datasheet HTML 5Page - Linear Technology LTM4677EY Datasheet HTML 6Page - Linear Technology LTM4677EY Datasheet HTML 7Page - Linear Technology LTM4677EY Datasheet HTML 8Page - Linear Technology LTM4677EY Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
dc2066af
DEMO MANUAL DC2066A
Quick start proceDure
Figure 7. Output Voltage VOUT0 vs Load Current
(VOUT0 = 1.0V), Measured by 1X Probe on COUT8
Figure 9. Output Voltage Ripple at VIN = 12V,
VOUT0 = 1.0V, IOUT0 = 18A, Measured by 1X Probe on COUT8
Figure 8. Output Voltage VOUT1 vs Load Current
(VOUT1 = 1.8V), Measured by 1X Probe on COUT3
Figure 10. Output Voltage Ripple at VIN = 12V,
VOUT1 = 1.8V, IOUT1 = 18A, Measured by 1X Probe on COUT3
Figure 11. Thermal at VIN = 12V, VOUT0 = 1.0V, IOUT0 = 18A, VOUT1 = 1.8V, IOUT1 = 18A, TA = 25°C, 200LFM Airflow
50µs/DIV
0A TO 4.5A
LOAD STEP
VOUT0
(20MHz BW)
20mV/DIV
50µs/DIV
0A TO 4.5A
LOAD STEP
VOUT1
(20MHz BW)
20mV/DIV
1.0µs/DIV
VOUT0
(20MHz BW)
20mV/DIV
VOUT1
(20MHz BW)
20mV/DIV
1.0µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com