Electronic Components Datasheet Search
  English  ▼

X  

PP001086 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PP001086
Description  High Temperature SIAF
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PP001086 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PP001086 Datasheet HTML 1Page - List of Unclassifed Manufacturers PP001086 Datasheet HTML 2Page - List of Unclassifed Manufacturers PP001086 Datasheet HTML 3Page - List of Unclassifed Manufacturers PP001086 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <3>
V1.2
04/11/15
High Temperature SIAF
Flexible Silicone Wire BS EN 50525-2-41
Conductors
Class 5 Flexible Copper Conductors for Single Core Wire (SIAF)
Nominal Cross
Sectional Area
mm²
Max. Diameter of
Wires in Conductor
mm
Max. Resistance of Conductor at 20°C
Plain Wires
Ω/km
Metal-Coated Wires
Ω/km
0.5
0.21
39
40.1
0.75
0.21
26
26.7
1
0.21
19.5
20
1.5
0.26
13.3
13.7
2.5
0.26
7.98
8.21
The above table is in accordance with BS EN 60228 (previously BS 6360)
Electrical Characteristics:
Flexible Core Silicone Rubber Insulated Wire (SIAF)
Nominal Cross
Sectional Area
mm²
Current Rating in Air
Amps
at 30°C
at 60°C
at 90°C
at 120°C
at 150°C
at 170°C
0.5
23
20
17
13
9
5
0.75
30
26
22
17
11
6
1
35
31
26
20
13
7
1.5
44
38
52
25
17
8
2.5
61
53
45
35
23
12
Conductor operating temperature 180°C
Description
Nominal Cross
Sectional Area
mm²
Colour
Reel Length Part Number
High Temperature SIAF Flexible
Silicone Wire BS EN 50525-2-41
0.5
Blue
100m
PP001074
Brown
PP001075
Green/Yellow
PP001076
Black
PP001077
Red
PP001078
White
PP001079
0.75
Blue
PP001080
Brown
PP001081
Green/Yellow
PP001082
Black
PP001083
Part Number Table



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com