Electronic Components Datasheet Search
  English  ▼

X  

PP001086 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PP001086
Description  High Temperature SIAF
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PP001086 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PP001086 Datasheet HTML 1Page - List of Unclassifed Manufacturers PP001086 Datasheet HTML 2Page - List of Unclassifed Manufacturers PP001086 Datasheet HTML 3Page - List of Unclassifed Manufacturers PP001086 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.2
04/11/15
High Temperature SIAF
Flexible Silicone Wire BS EN 50525-2-41
Application:
Designed for use in environments where sustained heat resistance is required, SIAF wire has heat resistant properties up to
180°C and can also be employed at temperatures as low as -60°C. This wire is low smoke zero halogen and is suitable for
power plants, a wide range of industrial applications in processing, packaging, refrigeration, foundaries, air craft construction
and ship building.
Construction:
Conductor:
SIAF/H05S-K - Class 5 flexible tinnned copper conductor according to BS EN 60228 (previously BS 6360)
Insulation:
Silicone rubber
Cable Standards:
Made in accordance with the following:
BS EN 50525-2-41 (0.5mm2 to 2.5mm2)
Characteristics:
Voltage Rating (Uo/U)
0.5mm2 to 2.5mm2 : 300/500V
Temperature Rating:
Fixed: -60°C to +180°C
Min. Bending Radius:
Fixed
: 4 x overall diamater
Sheath Colour:
Blue, Brown, Green/Yellow, Black, Red & White


Similar Part No. - PP001086

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PP001086 MULTICOMP-PP001086 Datasheet
323Kb / 5P
High Temperature SIAF Flexible Silicone Wire
V1.0 02/04/20
More results

Similar Description - PP001086

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CXOXHT EUROQUARTZ-CXOXHT Datasheet
137Kb / 1P
High Temperature/High Shock
HIGHTEMP-HF EUROQUARTZ-HIGHTEMP-HF Datasheet
199Kb / 2P
High Temperature/High Frequency
logo
DB Lectro Inc
SSL11-J2C DBLECTRO-SSL11-J2C Datasheet
616Kb / 6P
High Temperature termoplastic
SSL11-J6A DBLECTRO-SSL11-J6A Datasheet
201Kb / 2P
High Temperature termoplastic
logo
List of Unclassifed Man...
PP001104 ETC2-PP001104 Datasheet
281Kb / 3P
High Temperature Silicone Wire SIAF/GL
logo
Vishay Siliconix
BFC2809080 VISHAY-BFC2809080 Datasheet
112Kb / 5P
High temperature type
04-Aug-15
logo
Amphenol Corporation
GTFH081X1YHR AMPHENOL-GTFH081X1YHR Datasheet
747Kb / 2P
high temperature thermoplastic
logo
SiTime Corp.
SIT8918B SITIME-SIT8918B Datasheet
674Kb / 18P
High Temperature Oscillator
logo
Nichicon corporation
RHT NICHICON-RHT Datasheet
674Kb / 2P
High Temperature
logo
Amphenol Wilcoxon Sensi...
HT780A WILCOXON-HT780A Datasheet
222Kb / 1P
High temperature accelerometer
Rev.B.1 09/18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com