Electronic Components Datasheet Search
  English  ▼

X  

SS-5H Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SS-5H
Description  300V Subminiature, Radial Leaded, Time-Delay Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SS-5H Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SS-5H Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-5H Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-5H Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.50 min.
0.50 min.
7.85±0.20
7.85±0.20
0.60
0.60
5.08±0.10
5.08±0.10
8.50±0.20
8.50±0.20
4.30±0.20
4.30±0.20
35.00
35.00
12.70
12.70
9.00
9.00
18.00
18.00
0.00±0.50
0.00±0.50
13.00
13.00
0914 BU-SB11759
Page 2 of 3
Data Sheet 4416
Current In Amps
0.1
1
10
100
Time-Current Curves
Temperature Derating Curve
• Ambient Operating Temperature: 25°C±2°C
• Operating Temperature Range:-40°C to +125°C with proper correction
factor applied
• Storage Temperature: -10°C to 40°C
Dimensions - mm (in)
AP/APH
BK/BKH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com