Electronic Components Datasheet Search
  English  ▼

X  

SS-5H Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SS-5H
Description  300V Subminiature, Radial Leaded, Time-Delay Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SS-5H Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SS-5H Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-5H Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-5H Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2 0 1 1 C o o p e r B u s s m a n n
w w w. c o o p e r b u s s m a n n . c o m
0914 BU-SB11759
Page 3 of 3
Data Sheet 4416
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life sup-
port systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result
in significant injury to the user.
Product Characteristics
Operating Temperature
-40°C to 85°C with proper correction factor applied
Storage Temperature
-10°C to 40°C
Solderability
EIA-186-9E Method 9
High Frequency Vibration Test
Test-Withstands 10-55Hz per MIL-STD-202F, Method 201A
Endurance Test
IEC60127-3/4
1.0In carrying ON for 1 Hour, OFF for 15 Minutes, 100 Cycles, followed by 1.5In for 1 Hour, after that, voltage drop
at 1In is changing not more than 10%.
Wave Soldering Parameters
• Reservoir Temperature: 260°C
• Time: Maximum 10 Seconds
Solder Reflow Profile
Recommended Hand-Solder Parameters
• Solder Iron Temperature: 350°C±5°C
• Heating Time: 5 seconds maximum
Note: These devices are not recommended for IR or Convection Reflow process.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com