Electronic Components Datasheet Search
  English  ▼

X  

MINT1500 Datasheet(PDF) 5 Page - SL Power Electronics

Part # MINT1500
Description  500W Single Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1500 Datasheet(HTML) 5 Page - SL Power Electronics

  MINT1500 Datasheet HTML 1Page - SL Power Electronics MINT1500 Datasheet HTML 2Page - SL Power Electronics MINT1500 Datasheet HTML 3Page - SL Power Electronics MINT1500 Datasheet HTML 4Page - SL Power Electronics MINT1500 Datasheet HTML 5Page - SL Power Electronics MINT1500 Datasheet HTML 6Page - SL Power Electronics MINT1500 Datasheet HTML 7Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MINT1500
500W Single Output
Medical & ITE Series
www.slpower.com
MINT1500 REV 6.0, 12-18-14
5
Connector Information
Input Connector
J1 (E Version))
DC Output
Connector
Fan Output Connector
J301
Signal ConnectorJ2
(see Detail B on prior page)
PIN 1) GROUND
PIN 3) AC NEUTRAL
PIN 5) AC LINE
(2) Buss Bars (M5
x 0.5 Screws):
1) +Vout
2) RTN
PIN 1) +12Vfan
PIN 2) RTN
PIN 1) Remote Sense +
PIN 2) Remote Sense –
PIN 3) +5Vsb RTN
PIN 4) RTN
PIN 5) +5Vsb
PIN 6) Power_Good
PIN 7) Current Share
PIN 8) PS_Off
PIN 9) Enable
PIN 10) DC_OK
Mating Connector:
AMP 770849-5 or 647402-5
Pins= 3-770522-1 or 3-647409-1
Mating Connector:
#M3 Spade or
Ring Lugs
Mating Connector:
AMP 1375820-2, 3-640441-2, or
Molex 22-01-3027
Pins = AMP 1375819-1 or Molex 08-
50-0114
Mating Connector:
Molex 90142-0010
Pins = 90119-2109 or 2120
Fan Options
Consult Factory
Characteristic Curves
Output vs. Temperature
350W convection cooled and 500W continuous with 200 LFM airflow. Derate output power to 50% at 70°C.
0
100
200
300
400
500
600
-10
0
10
20
30
40
50
60
70
Ambient Operating Temperature ( C)
Output Power vs. Ambient
Temperature
Convection
200LFM Cooling



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com