Electronic Components Datasheet Search
  English  ▼

X  

MINT1500 Datasheet(PDF) 7 Page - SL Power Electronics

Part # MINT1500
Description  500W Single Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1500 Datasheet(HTML) 7 Page - SL Power Electronics

  MINT1500 Datasheet HTML 1Page - SL Power Electronics MINT1500 Datasheet HTML 2Page - SL Power Electronics MINT1500 Datasheet HTML 3Page - SL Power Electronics MINT1500 Datasheet HTML 4Page - SL Power Electronics MINT1500 Datasheet HTML 5Page - SL Power Electronics MINT1500 Datasheet HTML 6Page - SL Power Electronics MINT1500 Datasheet HTML 7Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MINT1500
500W Single Output
Medical & ITE Series
www.slpower.com
MINT1500 REV 6.0, 12-18-14
7
Internal pull down resistor: 43KΩ to V-.
5.
Remote Sense Output Signal – J2 Pin 1 (+Sense), J2 Pin 2 (-Sense)
Less than 250mV voltage drop compensation due to cable loss on each side of main output. See Figure 3 for wiring connection.
6.
Stand-By Output – J2 Pin5 (+), J2 Pin 4 (–)
The standby output is always available when AC input is present. It is rated for 5V/0.2A.
Data Sheet © 2014 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication. However, SL Power accepts no responsibility for
consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com