Electronic Components Datasheet Search
  English  ▼

X  

DLPA3000 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA3000
Description  PMIC and High-Current LED Driver IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA3000 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLPA3000 Datasheet HTML 17Page - Texas Instruments DLPA3000 Datasheet HTML 18Page - Texas Instruments DLPA3000 Datasheet HTML 19Page - Texas Instruments DLPA3000 Datasheet HTML 20Page - Texas Instruments DLPA3000 Datasheet HTML 21Page - Texas Instruments DLPA3000 Datasheet HTML 22Page - Texas Instruments DLPA3000 Datasheet HTML 23Page - Texas Instruments DLPA3000 Datasheet HTML 24Page - Texas Instruments DLPA3000 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
R
LIM
RGB
STROBE
DECODER
P
Q
R
VLED
IDAC[0:9]
LOUT
100n
16V
COUT
SYSPWR
ILLUMINATION
DRIVER
A (B)
L
M
³2SHQORRS´
feedback
circuitry
LDO
ILLUM
DLPA3000
www.ti.com
DLPS052 – OCTOBER 2015
Feature Description (continued)
Figure 5. Illumination Control Loop
Within the illumination block, the following blocks can be distinguished:
•
Programmable gain block
•
LDO illum: analog supply voltage for internal illumination blocks.
•
Illumination driver A: primary driver using internal FETs.
•
Illumination driver B: secondary driver – for future purpose; will not be discussed.
•
RGB stobe decoder: controls the on-off rhythm of the LEDs and measures the LED current.
7.3.2.1 Programmable Gain Block
The current through the LEDs is determined by a digital number stored in the respective IDAC registers 0x03h to
0x08h. These registers determine the LED current which is measured through the sense resistor RLIM. The
voltage across RLIM is compared with the current setting from the IDAC registers and the loop regulates the
current to its set value.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com