Electronic Components Datasheet Search
  English  ▼

X  

DLPA3000 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA3000
Description  PMIC and High-Current LED Driver IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA3000 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPA3000 Datasheet HTML 9Page - Texas Instruments DLPA3000 Datasheet HTML 10Page - Texas Instruments DLPA3000 Datasheet HTML 11Page - Texas Instruments DLPA3000 Datasheet HTML 12Page - Texas Instruments DLPA3000 Datasheet HTML 13Page - Texas Instruments DLPA3000 Datasheet HTML 14Page - Texas Instruments DLPA3000 Datasheet HTML 15Page - Texas Instruments DLPA3000 Datasheet HTML 16Page - Texas Instruments DLPA3000 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
DLPA3000
www.ti.com
DLPS052 – OCTOBER 2015
Electrical Characteristics (continued)
over operating free-air temperature range. VIN = 12 V, TA = 0 to +70°C, typical values are at TA = 25°C, configuration
according to Typical Applications (VIN =12 V, IOUT = 6 A, LED, internal FETs) (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BUCK CONVERTERS - GENERAL PURPOSE BUCK CONVERTERS (5)
OUTPUT VOLTAGE
Output voltage (General
VPWR_5,6,7_VOUT
8-bit programmable
1
5
V
purpose buck1,2,3)
DC output voltage accuracy
IOUT= 0 mA
–3.5%
3.5%
MOSFET
25°C, VPWR5,6,7_Boost – VPWR5,6,7_SWITCH = 5.5
RON,H
High side switch resistance
150
m
Ω
V
RON,L
Low side switch resistance(3)
25°C
85
m
Ω
LOAD
CURRENT
Allowed load current
2
A
PWR6(4).
Allowed load current PWR5,
Buck converters should not be used at this
A
PWR7(4).
time, they will become available in the future.
IOCL
Current limit(3)(4)
LOUT= 3.3 μH
3.2
3.6
4.2
A
ON-TIME TIMER CONTROL
tON
On time
VIN = 12 V, VO = 5 V
120
ns
tOFF(MIN)
Minimum off time(3)
TA = 25°C, VFB = 0 V
270
310
ns
START-UP
Soft start
1
2.5
4
ms
PGOOD
RatioOV
Overvoltage protection
120%
RatioPG
Relative power good level
Low to high
72%
AUXILIARY LDOs
VPWR3,4_VIN
Input voltage range
LDO1 (PWR4), LDO2 (PWR3)
3.3
12
20
V
PGOOD
Power good PWR3,4_VOUT
PWR3,4_VOUT rising
80%
PWR3,4_VOUT falling
60%
Overvoltage protection
OVP
7
V
PWR3,4_VOUT
DC output voltage accuracy
IOUT= 0 mA
–3%
3%
PWR3,4_VOUT
Regulator current limit(3)
300
340
400
mA
tON
Turn-on time
to 80% of VOUT = PWR3 and PWR4, C= 1 µF
40
µs
LDO2 (PWR3)
VPWR3_VOUT
Output voltage PWR3_VOUT
2.5
V
Load current capability
200
mA
DC load regulation
VOUT= 2.5 V, IOUT= 5 to 200 mA
–70
mV/A
PWR3_VOUT
DC line regulation
VOUT= 2.5 V, IOUT= 5 mA, PWR3_VIN = 3.3 to
30
µV/V
PWR3_VOUT
20 V
LDO1 (PWR4)
VPWR4_VOUT
Output voltage PWR4_VOUT
3.3
V
Load current capability
200
mA
DC load regulation
VOUT= 3.3 V, IOUT= 5 to 200 mA
–70
mV/A
PWR4_VOUT
DC line regulation
VOUT= 3.3V, IOUT= 5 mA, PWR4_VIN= 4 to 20
30
µV/V
PWR4_VOUT
V
(5)
General Purpose Buck2 (PWR6) currently supported, others will be available in the future.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com