Electronic Components Datasheet Search
  English  ▼

X  

DLPA3000DPFD Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA3000DPFD
Description  PMIC and High-Current LED Driver IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA3000DPFD Datasheet(HTML) 33 Page - Texas Instruments

Back Button DLPA3000DPFD Datasheet HTML 29Page - Texas Instruments DLPA3000DPFD Datasheet HTML 30Page - Texas Instruments DLPA3000DPFD Datasheet HTML 31Page - Texas Instruments DLPA3000DPFD Datasheet HTML 32Page - Texas Instruments DLPA3000DPFD Datasheet HTML 33Page - Texas Instruments DLPA3000DPFD Datasheet HTML 34Page - Texas Instruments DLPA3000DPFD Datasheet HTML 35Page - Texas Instruments DLPA3000DPFD Datasheet HTML 36Page - Texas Instruments DLPA3000DPFD Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
PROJ_ON
SUP_5P0V
SUP_2P5V
D_CORE_EN
(INTERNAL SIGNAL)
PWR_5P5V
DRST_5P5V
ILLUM_5P5V
PWR_1
PWR_2
PWR_3
PWR_4
PWR_5
PWR_6
PWR_7
DMD_EN
(INTERNAL SIGNAL)
DMD_VOFFSET
DMD_VBIAS
DMD_VRESET
RESET_Z
>10ms
>10ms
>10ms
>10ms
Digital state machine & SPI control
Digital state machine control only
Analog start
Stop
Regulating
Stop
Regulating
Stop
Regulating
25ms
10ms
1ms
10ms
120µs
INT_Z
VBIAS
STATE
DURATION
0x11[7:5]
VOFS
STATE
DURATION
0x10[7:5]
SYSPWR
Initiated by DLPC
Initiated by
DLPC via SPI
>5ms
Initiated by DLPC
DLPA3000
www.ti.com
DLPS052 – OCTOBER 2015
(1)
Arrows indicate sequence of events automatically controlled by digital state machine. Other events are initiated under
SPI control.
Figure 18. Power Sequence Normal Shutdown Mode
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com