Electronic Components Datasheet Search
  English  ▼

X  

DLPA3000DPFD Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA3000DPFD
Description  PMIC and High-Current LED Driver IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA3000DPFD Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLPA3000DPFD Datasheet HTML 35Page - Texas Instruments DLPA3000DPFD Datasheet HTML 36Page - Texas Instruments DLPA3000DPFD Datasheet HTML 37Page - Texas Instruments DLPA3000DPFD Datasheet HTML 38Page - Texas Instruments DLPA3000DPFD Datasheet HTML 39Page - Texas Instruments DLPA3000DPFD Datasheet HTML 40Page - Texas Instruments DLPA3000DPFD Datasheet HTML 41Page - Texas Instruments DLPA3000DPFD Datasheet HTML 42Page - Texas Instruments DLPA3000DPFD Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
DLPA3000
www.ti.com
DLPS052 – OCTOBER 2015
7.3.4.3 Buck Converter Monitoring
The buck converter block is continuously monitored for system failures to prevent damage to the DLPA3000 and
peripherals. Several possible failures are monitored such as a too-high or too-low output voltage. The possible
faults are summarized in Table 4.
Table 4. Buck Converter Fault Indication
POWER GOOD (REGISTER 0X27)
BLOCK
REGISTER BIT
THRESHOLD (RISING EDGE)
Gen.Buck1
BUCK_GP1_PG_FAULT
Ratio 72%
Gen.Buck2
BUCK_GP2_PG_FAULT
Ratio 72%
Gen.Buck3
BUCK_GP3_PG_FAULT
Ratio 72%
OVERVOLTAGE (REGISTER 0X28)
Gen.Buck1
BUCK_GP1_OV_FAULT
Ratio 120%
Gen.Buck2
BUCK_GP2_OV_FAULT
Ratio 120%
Gen.Buck3
BUCK_GP3_OV_FAULT
Ratio 120%
7.3.4.3.1
Power Good
The buck converters as well as the supporting LDO_BUCK have a power good indication. Each buck converter
has a separate indication.
The power good for the three buck converters indicate if their output voltage (PWR5,6,7_FB) is within a defined
window. The relative power good ratio is 72%. This means that if the output voltage is below 72% of the set
voltage the PG_fault bit is set high. The power good bits of the buck converters are in register 0x27 bit:
•
BUCK_GP1_PG_FAULT for BUCK1 (PWR5)
•
BUCK_GP2_PG_FAULT for BUCK2 (PWR6)
•
BUCK_GP3_PG_FAULT for BUCK3 (PWR7)
The LDO_BUCKS that supports the buck converters has its own power good indication. The power good of the
LDO_BUCKS is asserted if the LDO voltage is below 80% (rising edge) or 60% (falling edge) of its intended
value. The power good indication for the LDO_BUCKS is in register 0x29, V5V5_LDO_BUCK_PG_FAULT.
7.3.4.3.2
Overvoltage Fault
An overvoltage fault occurs when an output voltage rises above a pre-defined threshold. Overvoltage faults are
indicated for the buck converters, and LDO_BUCKS. The overvoltage fault of the LDO_BUCKS is asserted if the
LDO voltage is above 7.2 V and can be found in register 0x2A, V5V5_LDO_BUCK_OV_FAULT. The overvoltage
of the general purpose buck converters is 120% of the set value and can be read through register 0x28,
BUCK_GP1,2,3_OV_FAULT.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com