Electronic Components Datasheet Search
  English  ▼

X  

DLPC2607 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC2607
Description  PICO Processor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC2607 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLPC2607 Datasheet HTML 17Page - Texas Instruments DLPC2607 Datasheet HTML 18Page - Texas Instruments DLPC2607 Datasheet HTML 19Page - Texas Instruments DLPC2607 Datasheet HTML 20Page - Texas Instruments DLPC2607 Datasheet HTML 21Page - Texas Instruments DLPC2607 Datasheet HTML 22Page - Texas Instruments DLPC2607 Datasheet HTML 23Page - Texas Instruments DLPC2607 Datasheet HTML 24Page - Texas Instruments DLPC2607 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
DLPC2607
www.ti.com
DLPS030C – DECEMBER 2013 – REVISED NOVEMBER 2015
Feature Description (continued)
To support 3-D operation, run the DLPC2607 device in Lock-to-VSYNC mode with 1× frame rate multiplication
(that is, no frame rate multiplication). Each DMD frame is displayed at the source frame rate in the order it is
received.
Because of the high frame rate of the source, the source line rate must be much higher than typical, but still
cannot exceed the rates defined in Parallel I/F Max Supported Horizontal Line Rate. The minimum line rate is
limited by the maximum frame rate and minimum total vertical blanking (TVB). 100- to 120-Hz Operational
Limitations provides a summary of the line rate range assuming the minimum TVB.
7.4 Programming
7.4.1 Serial Flash Interface
The DLPC2607 device uses an external SPI serial flash memory device for configuration support. The minimum
required size depends on the desired minimum number of sequences, CMT tables, and splash options while the
maximum supported is 16 Mb. Table 1 provides the list of the configuration options.
Table 1. Serial Flash Support Features by Density(1)
QUANTITY OF FEATURES THAT CAN BE SUPPORTED
TARGET
OPTICAL TEST
STANDARD
SERIES
DLP DISPLAY
FLASH
UNIT DATA ODM DATA
CMT TABLES PER
SPLASH
SPLASH
DATA
SEQUENCES
DENSITY (Mb)
SECTOR
SECTOR
SEQUENCE (3)
SCREENS
SCREENS
SECTOR
(2)
4 Mb
0
1
1
1
1
16
7
8 Mb
0
3
1
1
1
16
7
16 Mb
1
4
1
1
1
16
7
(1)
All rows in this table have passed DVT at TI.
(2)
Assumes individual DLP display sequences are limited to 5 KB each
(3)
An equal number of CMT tables are required for each sequence (CMT tables define the DeGamma Curve). The DLPC2607 device uses
a single SPI, employing SPI mode 0 protocol, operating at a frequency of 33.3 MHz. It supports two independent SPI chip selects.
However, the primary flash must be connected to SPI chip select 0 (SPICS0) because the auto-initialization routine is always executed
from the device connected to this chip select. The auto-initialization routine executed from flash consists of the following:
(a) The DLPC2607 device first uploads the size and location of the auto-initialization routine from address range 0x0000 through 0x0007
of the serial flash memory connected to SPICS0.
(b) The DLPC2607 device then uploads the actual auto-initialization routine to its ICP program memory from the serial flash memory
connected to SPICS0.
(c) The DLPC2607 device then executes an auto-init routine, which includes uploading default control parameter values, uploading
mailbox memory contents, turning on the sequence and LEDs, and then enabling the display.
(d) Upon completion of the auto-initialization routine, the DLPC2607 signals INIT DONE with GPIO4_INTF.
The DLPC2607 device should support any flash device that is compatible with these modes of operation.
However, the DLPC2607 device does not support the Normal (slow) Read Opcode, and thus cannot
automatically adapt protocol and clock rate based on the flash’s electronic signature ID. The flash instead uses a
fixed SPI clock and assumes certain attributes of the flash have been ensured by PCB design. The DLPC2607
device also assumes the flash supports address auto-incrementing for all read operations. Table 2 and Table 3
list the specific instruction OpCode and timing compatibility requirements for a DLPC2607 device compatible
flash.
Table 2. SPI Flash Instruction OpCode and Timing Compatibility Requirements
SPI FLASH COMMAND
OPCODE (hex)
ADDRESS BYTES
DUMMY BYTES
MIN CLOCK RATE
Fast READ (single output)
0x0B
3
1
33.3 MHz
All others
Can vary
Can vary
Can vary
33.3 MHz
Table 3. SPI Flash Key Timing Parameter Compatibility Requirements
MIN
MAX
UNIT
Minimum chip select high time
300
ns
Minimum output hold time
0
ns
Maximum output valid time
9
ns
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: DLPC2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com