Electronic Components Datasheet Search
  English  ▼

X  

DLPC2607 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC2607
Description  PICO Processor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC2607 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPC2607 Datasheet HTML 9Page - Texas Instruments DLPC2607 Datasheet HTML 10Page - Texas Instruments DLPC2607 Datasheet HTML 11Page - Texas Instruments DLPC2607 Datasheet HTML 12Page - Texas Instruments DLPC2607 Datasheet HTML 13Page - Texas Instruments DLPC2607 Datasheet HTML 14Page - Texas Instruments DLPC2607 Datasheet HTML 15Page - Texas Instruments DLPC2607 Datasheet HTML 16Page - Texas Instruments DLPC2607 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
DLPC2607
www.ti.com
DLPS030C – DECEMBER 2013 – REVISED NOVEMBER 2015
6.11 BT.565 I/F General Timing Requirements
The DLPC2607 ASIC input interface supports the industry standard BT.656 parallel video interface. See the appropriate ITU-
R BT.656 specification for detailed interface timing requirements. BT.656 data bits should be mapped to the DLPC2607
PDATA bus as shown in Figure 3.
(1)
MIN
MAX
UNIT
ƒclock
Clock frequency, PCLK
1
33.5
MHz
tp_clkper
Clock period, PCLK
50% reference points
29.85
1000
ns
tp_clkjit
Clock jitter, PCLK(2)
Maximum ƒclock
(2)
(2)
tp_wh
Pulse duration low, PCLK
50% reference points
10
ns
tp_wl
Pulse duration high, PCLK
50% reference points
10
ns
Setup time – HSYNC, DATEN, PDATA(23:0) valid
tp_su
50% reference points
3
ns
before the active edge of PCLK
Hold time – HSYNC, DATEN, PDATA(23:0) valid
tp_h
50% reference points
3
ns
after the active edge of PCLK
tt
Transition time – All signals
20% to 80% reference points
0.2
4
ns
(1)
The BT.656 I/F accepts 8-bit per color, 4:2:2 YCb/Cr data encoded per the industry standard though PDATA(7:0) on the active edge of
PCLK (that is, programmable) as shown in Figure 2.
(2)
Clock jitter should be calculated using this formula: Jitter = (1 / ƒclock – 28.35 ns). Setup and hold times must be met during clock jitter.
6.12 100- to 120-Hz Operational Limitations
MIN FRAME
NOM FRAME MAX FRAME
MIN TVB
MAX LINE
MIN LINE
MIN CLOCK
RESOLUTION
SOURCE
RATE
RATE
RATE
(tp_tvb)
RATE
RATE
RATE
(APPL x ALPF)
(Hz)
(Hz)
(Hz)
(LINES)
(kHz)
(kHz)
(MHz)
nHD
640 × 360
99
100
101
12
48
(1)
(2)
WQVGA
427 × 240
99
100
101
12
32
(1)
(2)
QVGA
320 × 240
99
100
101
12
32
(1)
(2)
nHD
640 × 360
118.8
120
121.2
12
48
(1)
(2)
WQVGA
427 × 240
118.8
120
121.2
12
32
(1)
(2)
QVGA
320 × 240
118.8
120
121.2
12
32
(1)
(2)
(1)
Use the following equation to determine the minimum line rate for a given application. The application cannot be supported if the
calculated minimum line rate exceeds the maximum line rate defined elsewhere in this table;
Line_Rate_min (kHz) = Frame_Rate_max (Hz) × [ALPF + TVB] /1000
Where: TVB = Total vertical blanking (in lines)
ALPF = Active lines per frame
Frame_Rate_max = Max frame rate including all expected wander
(2)
The following equation should be used to determine the minimum pixel clock rate for a given application. The application cannot be
supported if the calculated minimum pixel clock rate exceeds the max pixel clock rate defined in Parallel I/F General Timing
Requirements.
Pixel_Clock_min (MHz) = Line_Rate_max (kHz) × (APPL + 12) / 1000
Where: APPL = Active pixels per line
Line_Rate_max = Max line rate including all expected wander
SPACE
NOTE
It is assumed that a front-end device ahead of the DLPC2607 device converts all 3-D
sources to the 3-D format defined previously and provides any needed left-eye or right-eye
selection control directly to the 3-D glasses (that is, the DLPC2607 device does not control
the glasses). Note that the DLPC2607 device includes a double buffer frame memory,
which causes the displayed image to be delayed one frame relative to its input. This
requires left or right eye-frame shutter control to be inverted prior to being sent to the
glasses.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DLPC2607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com